Electronic Components Datasheet Search
  English  ▼

X  

SDP339 Datasheet(PDF) 1 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDP339
Description  LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDP339 Datasheet(HTML) 1 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDP339 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDP339 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDP339 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDP339 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDP339 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDP339 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDP339 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDP339 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDP339 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Datasheet
December, 2013 Rev. 1.0
1/11
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
SDP339
General Description
The SDP339 series is consisted by four independent
precision voltage comparators. The input common mode
voltage range of these comparators includes ground,
even when operated from a single power supply voltage.
The SDP339 series is designed to directly interface with
TTL and CMOS. It can be widely used in such applications
as battery charger, cordless telephone, switching power
supply, DC-DC module and PC motherboard.
The SDP339 series are available in 2 Packages: DIP-14
and SOP-14.
Features
Wide Supply Voltage Range
Single Supply: 2.0V to 18V
Dual Supplies: ±1.0V to ± 9V
Very Low Supply Current Drain: 0.45mA(Typical)
Low Input Bias Current: 25nA (Typical)
Low Input Offset Current: ±5nA (Typical)
Low Input Offset Voltage: ±2mV (Typical)
Input Common Mode Voltage Range Includes
Ground
Differential Input Voltage Range Equals to the
Power Supply Voltage
Low Output Saturation Voltage:100mV at 4mA
Applications
Battery Charger
Cordless Telephone
Switching Power Supply
DC-DC Module
PC Motherboard
Communication Equipment
Figure 1. Package Type
DIP-14
SOP-14
SDC
CONFIDENTIAL
DOCUMENT


Similar Part No. - SDP339

ManufacturerPart #DatasheetDescription
logo
Shaoxing Devechip Micro...
SDP339UTR-E1 SDC-SDP339UTR-E1 Datasheet
565Kb / 11P
Four-dImensIonal independent comparator
SDP339UTR-G1 SDC-SDP339UTR-G1 Datasheet
565Kb / 11P
Four-dImensIonal independent comparator
SDP339Z-E1 SDC-SDP339Z-E1 Datasheet
565Kb / 11P
Four-dImensIonal independent comparator
SDP339Z-G1 SDC-SDP339Z-G1 Datasheet
565Kb / 11P
Four-dImensIonal independent comparator
More results

Similar Description - SDP339

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
Low Power Low Offset Voltage Quad Comparators
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
Low Power Low Offset Voltage Quad Comparators
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
Low Power Low Offset Voltage Quad Comparators
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com