Electronic Components Datasheet Search
  English  ▼

X  

12F635 Datasheet(PDF) 27 Page - Microchip Technology

Part # 12F635
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F635 Datasheet(HTML) 27 Page - Microchip Technology

Back Button 12F635 Datasheet HTML 23Page - Microchip Technology 12F635 Datasheet HTML 24Page - Microchip Technology 12F635 Datasheet HTML 25Page - Microchip Technology 12F635 Datasheet HTML 26Page - Microchip Technology 12F635 Datasheet HTML 27Page - Microchip Technology 12F635 Datasheet HTML 28Page - Microchip Technology 12F635 Datasheet HTML 29Page - Microchip Technology 12F635 Datasheet HTML 30Page - Microchip Technology 12F635 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 25
PIC12F635/PIC16F636/639
2.2.2.6
PCON Register
The Power Control (PCON) register (see Table 12-3)
contains flag bits to differentiate between a:
• Power-on Reset (POR)
• Wake-up Reset (WUR)
• Brown-out Detect (BOD)
• Watchdog Timer Reset (WDT)
• External MCLR Reset
The PCON register also controls the Ultra Low-Power
Wake-up and software enable of the BOD.
The PCON register bits are shown in Register 2-6.
REGISTER 2-6:
PCON – POWER CONTROL REGISTER (ADDRESS: 8Eh)
U-0
U-0
R/W-0
R/W-1
R/W-x
U-0
R/W-0
R/W-x
—
—
ULPWUE SBODEN(1)
WUR
—POR
BOD
bit 7
bit 0
bit 7-6
Unimplemented: Read as ‘0’
bit 5
ULPWUE: Ultra Low-Power Wake-up Enable bit
1
= Ultra Low-Power Wake-up enabled
0
= Ultra Low-Power Wake-up disabled
bit 4
SBODEN: Software BOD Enable bit(1)
1
= BOD enabled
0
= BOD disabled
bit 3
WUR: Wake-up Reset Status bit
1
= No Wake-up Reset occurred
0
= A Wake-up Reset occurred (must be set in software after a Power-on Reset occurs)
bit 2
Unimplemented: Read as ‘0’
bit 1
POR: Power-on Reset Status bit
1
= No Power-on Reset occurred
0
= A Power-on Reset occurred (must be set in software after a Power-on Reset occurs)
bit 0
BOD: Brown-out Detect Status bit
1
= No Brown-out Detect occurred
0
= A Brown-out Detect occurred (must be set in software after a Brown-out Detect occurs)
Note 1: BODEN<1:0> = 01 in the Configuration Word register for SBODEN to control the
Brown-out Detect module.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com