Electronic Components Datasheet Search
  English  ▼

X  

12F635 Datasheet(PDF) 70 Page - Microchip Technology

Part # 12F635
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F635 Datasheet(HTML) 70 Page - Microchip Technology

Back Button 12F635 Datasheet HTML 66Page - Microchip Technology 12F635 Datasheet HTML 67Page - Microchip Technology 12F635 Datasheet HTML 68Page - Microchip Technology 12F635 Datasheet HTML 69Page - Microchip Technology 12F635 Datasheet HTML 70Page - Microchip Technology 12F635 Datasheet HTML 71Page - Microchip Technology 12F635 Datasheet HTML 72Page - Microchip Technology 12F635 Datasheet HTML 73Page - Microchip Technology 12F635 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 68
Preliminary
© 2005 Microchip Technology Inc.
7.6
Comparator Reference
The comparator module also allows the selection of an
internally generated voltage reference for one of the
comparator inputs. The VRCON register (Register 7-3)
controls the voltage reference module shown in
Figure 7-8.
7.6.1
CONFIGURING THE VOLTAGE
REFERENCE
The voltage reference can output 32 distinct voltage
levels, 16 in a high range and 16 in a low range.
The following equation determines the output voltages:
EQUATION 7-1:
7.6.2
VOLTAGE REFERENCE
ACCURACY/ERROR
The voltage reference is VDD derived and therefore, the
CVREF output changes with fluctuations in VDD. The
tested absolute accuracy of the comparator voltage
reference can be found in Section 15.0 “Electrical
Specifications”.
FIGURE 7-8:
COMPARATOR VOLTAGE REFERENCE BLOCK DIAGRAM
VRR = 1 (low range): CVREF = (VR<3:0>/24) x VDD
VRR = 0 (high range):
CVREF = (VDD/4) + (VR<3:0> x VDD/32)
VRR
8R
VR<3:0>
16-1 Analog
8R
RR
RR
CVREF to
16 Stages
Comparator
Input
VREN
VDD
MUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com