Electronic Components Datasheet Search
  English  ▼

X  

12F635 Datasheet(PDF) 57 Page - Microchip Technology

Part # 12F635
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F635 Datasheet(HTML) 57 Page - Microchip Technology

Back Button 12F635 Datasheet HTML 53Page - Microchip Technology 12F635 Datasheet HTML 54Page - Microchip Technology 12F635 Datasheet HTML 55Page - Microchip Technology 12F635 Datasheet HTML 56Page - Microchip Technology 12F635 Datasheet HTML 57Page - Microchip Technology 12F635 Datasheet HTML 58Page - Microchip Technology 12F635 Datasheet HTML 59Page - Microchip Technology 12F635 Datasheet HTML 60Page - Microchip Technology 12F635 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 55
PIC12F635/PIC16F636/639
5.4
Prescaler
An 8-bit counter is available as a prescaler for the
Timer0 module, or as a postscaler for the Watchdog
Timer. For simplicity, this counter will be referred to as
“prescaler” throughout this data sheet. The prescaler
assignment is controlled in software by the control bit,
PSA (OPTION_REG<3>). Clearing the PSA bit will
assign the prescaler to Timer0. Prescale values are
selectable via the PS<2:0> bits (OPTION_REG<2:0>).
The prescaler is not readable or writable. When
assigned to the Timer0 module, all instructions writing
to the TMR0 register (e.g., CLRF 1, MOVWF 1, BSF 1,
x....
etc.) will clear the prescaler. When assigned to
WDT, a CLRWDT instruction will clear the prescaler
along with the Watchdog Timer.
5.4.1
SWITCHING PRESCALER
ASSIGNMENT
The prescaler assignment is fully under software control
(i.e., it can be changed “on the fly” during program
execution). To avoid an unintended device Reset, the
following
instruction
sequence
(Example 5-1
and
Example 5-2) must be executed when changing the
prescaler assignment from Timer0 to WDT.
EXAMPLE 5-1:
CHANGING PRESCALER
(TIMER0
→ WDT)
To change prescaler from the WDT to the TMR0
module, use the sequence shown in Example 5-2. This
precaution must be taken even if the WDT is disabled.
EXAMPLE 5-2:
CHANGING PRESCALER
(WDT
→ TIMER0)
TABLE 5-1:
REGISTERS ASSOCIATED WITH TIMER0
BCF
STATUS,RP0
;Bank 0
BCF
STATUS,RP1
;
CLRWDT
;Clear WDT
CLRF
TMR0
;Clear TMR0 and
; prescaler
BSF
STATUS,RP0
;Bank 1
BCF
STATUS,RP1
;
MOVLW
b’00101111’
;Required if desired
MOVWF
OPTION_REG
; PS2:PS0 is
CLRWDT
; 000 or 001
;
MOVLW
b’00101xxx’
;Set postscaler to
MOVWF
OPTION_REG
; desired WDT rate
BCF
STATUS,RP0
;Bank 0
BCF
STATUS,RP1
;
CLRWDT
;Clear WDT and
;prescaler
BSF
STATUS,RP0
;Bank 1
BCF
STATUS,RP1
;
MOVLW
b’xxxx0xxx’
;Select TMR0,
;prescale, and
;clock source
MOVWF
OPTION_REG
;
BCF
STATUS,RP0
;Bank 0
BCF
STATUS,RP1
;
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOD,
WUR
Value on
all other
Resets
01h
TMR0
Timer0 Module Register
xxxx xxxx uuuu uuuu
0Bh/8Bh INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 0000 0000 0000
81h
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111 1111 1111
85h
TRISA
—
—
TRISA5 TRISA4 TRISA3 TRISA2 TRISA1 TRISA0 --11 1111 --11 1111
Legend:
— = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the Timer0 module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com