Electronic Components Datasheet Search
  English  ▼

X  

12F635 Datasheet(PDF) 114 Page - Microchip Technology

Part # 12F635
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F635 Datasheet(HTML) 114 Page - Microchip Technology

Back Button 12F635 Datasheet HTML 110Page - Microchip Technology 12F635 Datasheet HTML 111Page - Microchip Technology 12F635 Datasheet HTML 112Page - Microchip Technology 12F635 Datasheet HTML 113Page - Microchip Technology 12F635 Datasheet HTML 114Page - Microchip Technology 12F635 Datasheet HTML 115Page - Microchip Technology 12F635 Datasheet HTML 116Page - Microchip Technology 12F635 Datasheet HTML 117Page - Microchip Technology 12F635 Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 112
Preliminary
© 2005 Microchip Technology Inc.
12.1
Configuration Word Bits
The Configuration Word bits can be programmed (read
as ‘0’), or left unprogrammed (read as ‘1’) to select
various device configurations as shown in Register 12-1.
These bits are mapped in program memory location
2007h.
REGISTER 12-1:
CONFIG – CONFIGURATION WORD (ADDRESS: 2007h)
Note:
Address 2007h is beyond the user program
memory space. It belongs to the special
configuration
memory
space
(2000h-
3FFFh), which can be accessed only during
programming. See “PIC12F6XX/16F6XX
Memory
Programming
Specification”
(DS41204) for more information.
U-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
—
WURE FCMEN
IESO
BODEN1 BODEN0
CPD
CP
MCLRE PWRTE(1) WDTE
FOSC2
F0SC1
F0SC0
bit 13
bit 0
bit 13
Unimplemented: Read as ‘1’
bit 12
WURE: Wake-up Reset Enable bit
1
= Standard wake-up and continue enabled
0
= Wake-up and Reset enabled
bit 11
FCMEN: Fail-Safe Clock Monitor Enable bit
1
= Fail-Safe Clock Monitor enabled
0
= Fail-Safe Clock Monitor disabled
bit 10
IESO: Internal-External Switchover bit
1
= Internal External Switchover mode enabled
0
= Internal External Switchover mode disabled
bit 9-8
BODEN<1:0>: Brown-out Detect Enable bits
11
= BOD enabled and SBODEN bit disabled
10
= BOD enabled while running and disabled in Sleep. SBODEN bit disabled.
01
= SBODEN in Register 2-6 controls BOD function
00
= BOD and SBODEN disabled
bit 7
CPD: Code Protection Data bit
1
= Data memory is not protected
0
= Data memory is external read protected
bit 6
CP: Code Protection bit
1
= Program memory is not code-protected
0
= Program memory is external read and write-protected
bit 5
MCLRE: MCLR Pin Function Select bit
1
= MCLR pin is MCLR function and weak internal pull-up is enabled
0
= MCLR pin is alternate function, MCLR function is internally disabled
bit 4
PWRTE: Power-up Timer Enable bit(1)
1
= PWRT disabled
0
= PWRT enabled
bit 3
WDTE: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled and can be enabled using SWDTEN in Register 12-2
bit 2-0
FOSC<2:0>: Oscillator Selection bits
000
= LP oscillator: Low power crystal on RA5/T1CKI/OSC1/CLKIN and RA4/T1G/OSC2/CLKOUT
001
= XT oscillator: Crystal/resonator on RA5/T1CKI/OSC1/CLKIN and RA4/T1G/OSC2/CLKOUT
010
= HS oscillator: High-speed crystal/resonator on RA5/T1CKI/OSC1/CLKIN and RA4/T1G/OSC2/CLKOUT
011
= EC: I/O function on RA4/T1G/OSC2/CLKOUT, CLKIN on RA5/T1CKI/OSC1/CLKIN
100
= INTOSCIO oscillator: I/O function on RA4/T1G/OSC2/CLKOUT, I/O function on RA5/T1CKI/OSC1/CLKIN
101
= INTOSC oscillator: CLKOUT function on RA4/T1G/OSC2/CLKOUT, I/O function on RA5/T1CKI/OSC1/CLKIN
110
= EXTRCIO oscillator: I/O function on RA4/T1G/OSC2/CLKOUT, RC on RA5/T1CKI/OSC1/CLKIN
111
= EXTRC oscillator: CLKOUT function on RA4/T1G/OSC2/CLKOUT, RC on RA5/T1CKI/OSC1/CLKIN
Note 1:
Enabling Brown-out Detect does not automatically enable the Power-up Timer (PWRT).
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com