Electronic Components Datasheet Search
  English  ▼

X  

12F635 Datasheet(PDF) 195 Page - Microchip Technology

Part # 12F635
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F635 Datasheet(HTML) 195 Page - Microchip Technology

Back Button 12F635 Datasheet HTML 188Page - Microchip Technology 12F635 Datasheet HTML 189Page - Microchip Technology 12F635 Datasheet HTML 190Page - Microchip Technology 12F635 Datasheet HTML 191Page - Microchip Technology 12F635 Datasheet HTML 192Page - Microchip Technology 12F635 Datasheet HTML 193Page - Microchip Technology 12F635 Datasheet HTML 194Page - Microchip Technology 12F635 Datasheet HTML 195Page - Microchip Technology 12F635 Datasheet HTML 196Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 195 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 193
PIC12F635/PIC16F636/639
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
PIC12F635: Standard VDD range
PIC12F635T: (Tape and Reel)
PIC16F636: Standard VDD range
PIC16F636T: (Tape and Reel)
PIC16F639: Standard VDD range
PIC16F639T: (Tape and Reel)
Temperature Range
I
=
-40
°C to +85°C
E=
-40
°C to +125°C
Package
MF
=
DFN-S (6x5 mm, 8-pin)
P
=
PDIP (300 mil)
SN
=
SOIC (Gull wing, 150 mil body, 8-pin)
SL
=
SOIC (Gull wing, 150 mil body, 14-pin)
SS
=
SSOP (209 mil, 20-pin)
ST
=
TSSOP (4.4 mm, 14-pin)
Pattern
3-Digit Pattern Code for QTP (blank otherwise)
Examples:
a)
PIC12F635-E/P 301 = Extended Temp., PDIP
package, 20 MHz, QTP pattern #301
b)
PIC12F635-I/S
=
Industrial
Temp.,
SOIC
package, 20 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com