Electronic Components Datasheet Search
  English  ▼

X  

82C37 Datasheet(PDF) 21 Page - OKI electronic componets

Part # 82C37
Description  PROGRAMMABLE DMA CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

82C37 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button 82C37 Datasheet HTML 17Page - OKI electronic componets 82C37 Datasheet HTML 18Page - OKI electronic componets 82C37 Datasheet HTML 19Page - OKI electronic componets 82C37 Datasheet HTML 20Page - OKI electronic componets 82C37 Datasheet HTML 21Page - OKI electronic componets 82C37 Datasheet HTML 22Page - OKI electronic componets 82C37 Datasheet HTML 23Page - OKI electronic componets 82C37 Datasheet HTML 24Page - OKI electronic componets 82C37 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
21/33
¡ Semiconductor
MSM82C37B-5RS/GS/VJS
DESCRIPTION OF INTERNAL REGISTERS
Current Address Register
Each channel is equipped with a 16-bit long current address register where the transfer address
is held during DMA transfers. The register value is incremented (or decremented) in each DMA
cycle. Although this register is 16 bits long, the CPU is accessed by the MSM82C37B-5 eight bits
at a time, therefore necessitating two successive 8-bit (lower and higher order bits) reading or
writing operations using internal first/last flip-flops.
When autoinitialize has been set, the register is automatically initialized to the original value
after TC.
Current Word Count Register
Each channel is also equipped with a 16 bit-long current word count register where the transfer
count is held during DMA transfers. The register value is decremented in each DMA cycle.
When the word count value reaches FFFF(H) from 0000(H), a TC is generated. Therefore, a word
count value which is one less than the actual number of transfers must be set.
Since this register is also 16 bits long, it is accessed by first/last flip-flops control in the same way
as the address register. And if autoinitialize has been set, the register is automatically initialized
to the original value after TC.
Base Address Register and Base Word Count Register
Each channel is equipped with a 16-bit long base address register and base word count register
where the initial value of each current register is held. The same values are written in each base
register and the current register by the CPU. The contents of the current register can be made
ready by the CPU, but the content of the base register cannot be read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com