Electronic Components Datasheet Search
  English  ▼

X  

82C37 Datasheet(PDF) 2 Page - OKI electronic componets

Part # 82C37
Description  PROGRAMMABLE DMA CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

82C37 Datasheet(HTML) 2 Page - OKI electronic componets

  82C37 Datasheet HTML 1Page - OKI electronic componets 82C37 Datasheet HTML 2Page - OKI electronic componets 82C37 Datasheet HTML 3Page - OKI electronic componets 82C37 Datasheet HTML 4Page - OKI electronic componets 82C37 Datasheet HTML 5Page - OKI electronic componets 82C37 Datasheet HTML 6Page - OKI electronic componets 82C37 Datasheet HTML 7Page - OKI electronic componets 82C37 Datasheet HTML 8Page - OKI electronic componets 82C37 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2/33
¡ Semiconductor
MSM82C37B-5RS/GS/VJS
PIN CONFIGURATION (TOP VIEW)
40 pin Plastic DIP
16
15
14
13
IOR
MEMR
MEMW
READY
HLDA
ADSTB
AEN
HRQ
CS
20
19
18
17
GND
A7
A6
A5
A4
A3
EOP
A2
A1
A0
DB0
DB1
DB2
DB3
DB4
DACK0
1
2
3
4
5
6
7
8
9
10
11
12
32
31
30
29
28
27
26
37
38
39
40
36
35
34
33
25
DACK1
DB5
DB6
DB7
24
23
22
21
VCC (+5 V)
DREQ0
DREQ1
DREQ2
IOW
NC
DREQ3
DACK3
DACK2
RESET
CLK
44 pin Plastic QFP
VCC
33
32
31
30
29
28
27
A3
A2
A1
A0
NC
DB0
READY
HLDA
ADSTB
AEN
HRQ
NC
CS
1
2
3
4
5
6
7
26
25
24
23
DB1
DB2
DB3
CLK
RESET
DACK2
DACK3
8
9
10
11
DB4
39
38
37
36
35
34
33
NC
A3
A2
A1
A0
DB4
DB0
NC
READY
HLDA
ADSTB
AEN
HRQ
CS
7
8
9
10
11
12
13
32
31
30
29
DB1
DB2
DB3
CLK
RESET
DACK2
NC
14
15
16
17
VCC
44 pin Plastic QFJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com