Electronic Components Datasheet Search
  English  ▼

X  

82C37 Datasheet(PDF) 4 Page - OKI electronic componets

Part # 82C37
Description  PROGRAMMABLE DMA CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

82C37 Datasheet(HTML) 4 Page - OKI electronic componets

  82C37 Datasheet HTML 1Page - OKI electronic componets 82C37 Datasheet HTML 2Page - OKI electronic componets 82C37 Datasheet HTML 3Page - OKI electronic componets 82C37 Datasheet HTML 4Page - OKI electronic componets 82C37 Datasheet HTML 5Page - OKI electronic componets 82C37 Datasheet HTML 6Page - OKI electronic componets 82C37 Datasheet HTML 7Page - OKI electronic componets 82C37 Datasheet HTML 8Page - OKI electronic componets 82C37 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4/33
¡ Semiconductor
MSM82C37B-5RS/GS/VJS
ABSOLUTE MAXIMUM RATINGS
–55 to +150
MSM82C37B-5RS
Power Supply Voltage
VCC
–0.5 to +7
V
Input Voltage
VIN
–0.5 to VCC +0.5
V
Output Voltage
VOUT
–0.5 to VCC +0.5
V
Storage Temperature
TSTG
°C
Power Dissipation
PD
W
Parameter
Unit
Symbol
with respect
to GND
—
Ta = 25°C
Conditions
Rating
1.0
MSM82C37B-5GS
0.7
MSM82C37B-5VJS
1.0
RECOMMENDED OPERATING CONDITIONS
DC CHARACTERISTICS
"L" Output Voltage
VOL
"H" Output Voltage
VOH
Parameter
Symbol
Min.
—
3.7
–10
IOL = 3.2 mA
VCC = 4.5 V
to 5.5 V
Ta = –40°C
to +85°C
IOH = –1.0 mA
Conditions
Input Leak Current
ILI
Output Leak Current
ILO
–10
—
0V £ VIN £ VCC
0V £ VOUT £ VCC
Average Power Supply
Current during Operations
ICC
Input frequency
5 MHz, when RESET
VIN = 0 V/VCC,
CL = 0 pF
Power Supply Current
in Standby Mode
ICCS
—
HLDA = 0 V,
VIL = 0 V,
VIH = VCC
Typ.
—
—
—
—
—
—
Max.
0.4
—
10
10
10
10
Unit
V
V
mA
mA
mA
mA
Min.
Power Supply Voltage
VCC
4.5
V
Operating Temperature
Top
–40
°C
"L" Input Voltage
VIL
–0.5
V
"H" Input Voltage
TIH
2.2
V
Typ.
5.0
+25
—
—
Max.
5.5
+85
+0.8
VCC + 0.5
Parameter
Unit
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com