Electronic Components Datasheet Search
  English  ▼

X  

INMP521 Datasheet(PDF) 16 Page - TDK Electronics

Part # INMP521
Description  Ultra-Low Noise Microphone with Bottom Port and PDM Digital Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP521 Datasheet(HTML) 16 Page - TDK Electronics

Back Button INMP521 Datasheet HTML 12Page - TDK Electronics INMP521 Datasheet HTML 13Page - TDK Electronics INMP521 Datasheet HTML 14Page - TDK Electronics INMP521 Datasheet HTML 15Page - TDK Electronics INMP521 Datasheet HTML 16Page - TDK Electronics INMP521 Datasheet HTML 17Page - TDK Electronics INMP521 Datasheet HTML 18Page - TDK Electronics INMP521 Datasheet HTML 19Page - TDK Electronics INMP521 Datasheet HTML 20Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
INMP521
PCB DESIGN AND LAND PATTERN LAYOUT
Lay out the PCB land pattern for the INMP521 at a 1:1 ratio to the solder pads on the microphone package (see
Dimensions shown in millimeters
Figure 14.) Take care to avoid applying solder paste to the sound hole in the PCB. Dimensions shown in millimeters
Figure 15 shows a suggested solder paste stencil pattern layout.
The response of the INMP521 is not affected by the PCB hole size, as long as the hole is not smaller than the sound port of the micro-
phone (0.25 mm, or 0.010 inch, in diameter). A 0.5 mm to 1 mm (0.020 inch to 0.040 inch) diameter for the hole is recommended.
Align the hole in the microphone package with the hole in the PCB. The exact degree of the alignment does not affect the
performance of the microphone as long as the holes are not partially or completely blocked.
Dimensions shown in millimeters
Figure 14. Suggested PCB Land Pattern Layout
Dimensions shown in millimeters
Figure 15. Suggested Solder Paste Stencil Pattern Layout
0.40 × 0.60 (4×)
(0.30)
0.90
(0.30)
ø1.70
3.80
(0.30)
0.35
2.80
2× R0.10
(0.30)
0.35
2.05
0.70
ø1.10
(1.000)
(0.550)
CENTER LINE
1.45
0.9
2.45
0.7
1.525
1.000
0.35
1.849
1.849
1.498
0.205 WIDE
0.248 × 0.498 (2×)
0.248 × 1.148 (2×)
0.248 × 0.948 (2×)
1.498 × 0.248
0.398 × 0.298 (4×)
0.362 CUT (3×)
1.17
24°
24°
0.375
CENTER
LINE
Page 16 of 20
Document Number: DS-INMP521-00
Revision: 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com