Electronic Components Datasheet Search
  English  ▼

X  

INMP521 Datasheet(PDF) 19 Page - TDK Electronics

Part # INMP521
Description  Ultra-Low Noise Microphone with Bottom Port and PDM Digital Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP521 Datasheet(HTML) 19 Page - TDK Electronics

Back Button INMP521 Datasheet HTML 12Page - TDK Electronics INMP521 Datasheet HTML 13Page - TDK Electronics INMP521 Datasheet HTML 14Page - TDK Electronics INMP521 Datasheet HTML 15Page - TDK Electronics INMP521 Datasheet HTML 16Page - TDK Electronics INMP521 Datasheet HTML 17Page - TDK Electronics INMP521 Datasheet HTML 18Page - TDK Electronics INMP521 Datasheet HTML 19Page - TDK Electronics INMP521 Datasheet HTML 20Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
INMP521
OUTLINE DIMENSIONS
Figure 18. 5-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV]
4 mm × 3 mm × 1 mm Body
Dimensions shown in millimeters
Figure 19. Package Marking Specification (Top View)
ORDERING GUIDE
PART
TEMP RANGE
PACKAGE
QUANTITY
INMP521ACEZ-R0
−40°C to +85°C 5-Terminal LGA_CAV*
5,000
INMP521ACEZ-R7
−40°C to +85°C 5-Terminal LGA_CAV†
1,000
EV_INMP521-FX
—
Flexible Evaluation Board
—
EV_INMP521
—
Evaluation Board
—
* – 13” Tape and Reel
† – 7” Tape and reel to be discontinued. Contact sales@invensense.com for availability.
REVISION HISTORY
REVISION DATE
REVISION
DESCRIPTION
02/06/2014
1.0
Initial Release
1.50
2.80
BOTTOM VIEW
TOP VIEW
SIDE VIEW
REFERENCE
CORNER
4.10
4.00
3.90
3.10
3.00
2.90
1
2
3
4
5
0.90
2.48
REF
0.72 REF
3.54 REF
1.05 REF
2.05
3.80
0.70
0.30 REF
0.25 DIA.
(THRU HOLE)
1.10 DIA.
R 0.10 (2 ×)
1.70 DIA.
0.95 REF
0.35
0.35
0.30 REF
0.30 REF
1.10
1.00
0.90
0.24 REF
0.40 × 0.60
(Pins 1, 2, 4, 5)
0.30 REF
PIN 1
YY XXXX
521
LOT TRACEABILITY CODE
PIN 1 INDICATION
PART NUMBER
DATECODE
Page 19 of 20
Document Number: DS-ADMP521-00
Revision: 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com