Electronic Components Datasheet Search
  English  ▼

X  

INMP521 Datasheet(PDF) 1 Page - TDK Electronics

Part # INMP521
Description  Ultra-Low Noise Microphone with Bottom Port and PDM Digital Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP521 Datasheet(HTML) 1 Page - TDK Electronics

  INMP521 Datasheet HTML 1Page - TDK Electronics INMP521 Datasheet HTML 2Page - TDK Electronics INMP521 Datasheet HTML 3Page - TDK Electronics INMP521 Datasheet HTML 4Page - TDK Electronics INMP521 Datasheet HTML 5Page - TDK Electronics INMP521 Datasheet HTML 6Page - TDK Electronics INMP521 Datasheet HTML 7Page - TDK Electronics INMP521 Datasheet HTML 8Page - TDK Electronics INMP521 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
INMP521
Ultra-Low Noise Microphone with Bottom Port and PDM Digital Output
GENERAL DESCRIPTION
The INMP521* is a high performance, ultra-low noise, low
power, digital output, bottom-ported omnidirectional MEMS
microphone. The INMP521 consists of a MEMS microphone
element and an impedance converter amplifier followed by a
fourth-order sigma-delta (Σ-Δ) modulator. The digital
interface allows for the pulse density modulated (PDM)
output of two microphones to be time-multiplexed on a
single data line using a single clock. The INMP521 is function
and pin compatible with the INMP421 microphone, providing
an easy upgrade path.
The INMP521 has a very high signal-to-noise ratio (SNR) and
common sensitivity of −26 dBFS, making it an excellent choice
for far field applications. The INMP521 has an extended wide-
band frequency response resulting in natural sound with high
intelligibility. Low current consumption and a sleep mode
with less than 1 µA current consumption enables long battery
life for portable applications. The INMP521 complies with the
TIA-920 Tele-communications Telephone Terminal Equipment
Transmission Requirements for Wideband Digital Wireline
Telephones standard.
The INMP521 is available in a thin 4 mm × 3 mm × 1 mm
surface-mount package. It is reflow solder compatible with
no sensitivity degradation. The INMP521 is halide free.
*Protected by U.S. Patents 7,449,356; 7,825,484; 7,885,423; and 7,961,897.
Other patents are pending.
APPLICATIONS
•
Smartphones and Feature Phones
•
Microphone Arrays
•
Tablet Computers
•
Teleconferencing Systems
•
Digital Still and Video Cameras
•
Bluetooth Headsets
•
Notebook PCs
•
Security and Surveillance
FEATURES
•
Small, Thin 4 × 3 × 1 mm Surface-Mount Package
•
Omnidirectional Response
•
Very High SNR of 65 dBA
•
Sensitivity of −26 dBFS
•
Wide Frequency Response from 100 Hz to 16 kHz
•
Low Current Consumption of 900 µA
•
Sleep Mode for Extended Battery Life, <1 µA
•
120 dB Maximum SPL
•
High PSR of −80 dBFS
•
Fourth-Order Σ-Δ Modulator
•
Digital PDM Output
•
Sn/Pb and Pb-Free Solder Processes
•
RoHS/WEEE Compliant
FUNCTIONAL BLOCK DIAGRAM
ORDERING INFORMATION
PART
TEMP RANGE
INMP521ACEZ-R0*
−40°C to +85°C
INMP521ACEZ-R7†
−40°C to +85°C
EV_INMP521
—
EV_INMP521-FX
—
* – 13” Tape and Reel
† – 7” Tape and reel to be discontinued. Contact sales@invensense.com for
availability.
BOTTOM
TOP
INMP521
ADC
POWER
MANAGEMENT
CLK
DATA
PDM
MODULATOR
CHANNEL
SELECT
InvenSense reserves the right to change the detail
specifications as may be required to permit improvements
in the design of its products.
InvenSense Inc.
1745 Technology Drive, San Jose, CA 95110 U.S.A
+1(408) 988–7339
www.invensense.com
Document Number: DS-ADMP521-00
Revision: 1.0.
Rev Date: 02/06/2014


Similar Part No. - INMP521

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
INMP522 TDK-INMP522 Datasheet
473Kb / 21P
Ultra-Low Noise, Low Sensitivity Tolerance, PDM Digital Microphone
INMP522ACEZ-R0 TDK-INMP522ACEZ-R0 Datasheet
473Kb / 21P
Ultra-Low Noise, Low Sensitivity Tolerance, PDM Digital Microphone
INMP522ACEZ-R7 TDK-INMP522ACEZ-R7 Datasheet
473Kb / 21P
Ultra-Low Noise, Low Sensitivity Tolerance, PDM Digital Microphone
More results

Similar Description - INMP521

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP421 AD-ADMP421 Datasheet
188Kb / 16P
Omnidirectional Microphone with Bottom Port and Digital Output
REV. 0
ADMP421BCEZ-RL AD-ADMP421BCEZ-RL Datasheet
499Kb / 17P
Omnidirectional Microphone with Bottom Port and Digital Output
Rev. D
ADMP504ACEZ AD-ADMP504ACEZ Datasheet
273Kb / 12P
Ultralow Noise Microphone with Bottom Port and Analog Output
REV. 0
logo
TDK Electronics
ICS-40180 TDK-ICS-40180 Datasheet
407Kb / 14P
Hardened, Low-Noise Microphone with Bottom Port and Analog Output
ICS-41352 TDK-ICS-41352 Datasheet
531Kb / 22P
Bottom Port PDM Digital Output Multi-Mode Microphone
ICS-51360 TDK-ICS-51360 Datasheet
484Kb / 22P
Bottom Port PDM Digital Output Multi-Mode Microphone
INMP421 TDK-INMP421 Datasheet
504Kb / 21P
Omnidirectional Microphone with Bottom Port and PDM Digital Output
INMP504 TDK-INMP504 Datasheet
395Kb / 13P
Ultra-Low Noise Microphone with Bottom Port and Analog Output
INMP510 TDK-INMP510 Datasheet
427Kb / 13P
RF-Hardened, Ultra-Low Noise Microphone with Bottom Port and Analog Output
INMP522 TDK-INMP522 Datasheet
473Kb / 21P
Ultra-Low Noise, Low Sensitivity Tolerance, PDM Digital Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com