Electronic Components Datasheet Search
  English  ▼

X  

MSM9225 Datasheet(PDF) 26 Page - OKI electronic componets

Part # MSM9225
Description  CAN (Controller Area Network) Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9225 Datasheet(HTML) 26 Page - OKI electronic componets

Back Button MSM9225 Datasheet HTML 22Page - OKI electronic componets MSM9225 Datasheet HTML 23Page - OKI electronic componets MSM9225 Datasheet HTML 24Page - OKI electronic componets MSM9225 Datasheet HTML 25Page - OKI electronic componets MSM9225 Datasheet HTML 26Page - OKI electronic componets MSM9225 Datasheet HTML 27Page - OKI electronic componets MSM9225 Datasheet HTML 28Page - OKI electronic componets MSM9225 Datasheet HTML 29Page - OKI electronic componets MSM9225 Datasheet HTML 30Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 74 page
background image
¡ Semiconductor
MSM9225
26/73
11. CAN status register (CANS: 9Fhex)
This is a status register to indicate the status of CAN.
Bit6 to bit4 are flags for the transmitter and bit1 and bit0 are for the receiver, and this register
is read only.
The bit configuration is shown below.
(1) Receiver Error Warning: REW
When the Receiver Error Counter (REC)
≥ 96, REW becomes "1". If REW = "1", the bus
may be seriously damaged. The bus must be tested for this condition.
At reset or when REC < 96, REW becomes "0".
(2) Receiver Error Passive: REP
When the Receive Error Counter (REC)
≥ 128, REP becomes "1".
At reset or when REC < 128, REP becomes "0" (error active)
(3) Transmitter Error Warning: TEW
When the Transmit Error Counter (TEC)
≥ 96, TEW becomes "1".
If TEW = "1", the bus may be seriously damaged. The bus must be tested for this
condition.
At reset or when TEC < 96, TEW becomes "0".
(4) Transmitter Error Passive: TEP
When the Transmit Error Counter (TEC) > 128, TEP becomes "1".
At reset or when TEP < 128, TEP becomes "0".
(5) Bus OFF: BOFF
This flag indicates the CAN bus status.
When the Transmit Error Counter (TEC) > 256 BOFF becomes "1" and the CAN bus is in
the BUS OFF state.
At reset or when TEP < 256, BOFF becomes "0".
76543210
Address MSB
9Fh
LSB
REW : Receiver Error Warning
REP : Receiver Error Passive
Not used
Not used
TEW : Transmitter Error Warning
TEP : Transmitter Error Passive
BOFF : Bus OFF flag
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com