Electronic Components Datasheet Search
  English  ▼

X  

MSM9225 Datasheet(PDF) 18 Page - OKI electronic componets

Part # MSM9225
Description  CAN (Controller Area Network) Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9225 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button MSM9225 Datasheet HTML 14Page - OKI electronic componets MSM9225 Datasheet HTML 15Page - OKI electronic componets MSM9225 Datasheet HTML 16Page - OKI electronic componets MSM9225 Datasheet HTML 17Page - OKI electronic componets MSM9225 Datasheet HTML 18Page - OKI electronic componets MSM9225 Datasheet HTML 19Page - OKI electronic componets MSM9225 Datasheet HTML 20Page - OKI electronic componets MSM9225 Datasheet HTML 21Page - OKI electronic componets MSM9225 Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
¡ Semiconductor
MSM9225
18/73
(1) Time segment 1: TSEG13 to TSEG10
This is a 4-bit register to set the sampling point.
The relationship between bit content and TSEG1 is as follows:
At reset, TSEG13 to TSEG10 are set to "0000".
(2) Time segment 2: TSEG22 to TSEG20
This is a 3-bit register to set the transmit point.
The relationship between the bit content and TSEG2 is as follows:
At reset, TSEG22 to TSEG20 are set to "000".
TSEG13
TSEG12
TSEG11
TSEG10
TSEG1
0000
0001
····
····
1110
1111
1 ¥ BTL cycle
2 ¥ BTL cycle
·
·
15 ¥ BTL cycle
16 ¥ BTL cycle
TSEG22
TSEG21
TSEG20
TSEG2
000
001
···
···
110
111
1 ¥ BTL cycle
2 ¥ BTL cycle
·
·
7 ¥ BTL cycle
8 ¥ BTL cycle
5. CAN bus timing register 1 (BTR1: 2Ehex)
This register sets the sampling count, sampling point and transmit point used for bus timing.
Writing to the BTR1 bit is enabled, when the INIT bit of the CAN control register (CANC:
0Ehex) is "1".
The bit configuration is as follows:
76543210
Address MSB
2Eh
LSB
TSEG10 :
TSEG11 :
TSEG12 :
TSEG13 :
TSEG20 :
TSEG21 :
TSEG22 :
Not used :
Time
segment 1
Time
segment 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com