Electronic Components Datasheet Search
  English  ▼

X  

MSM9225 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM9225
Description  CAN (Controller Area Network) Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9225 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM9225 Datasheet HTML 9Page - OKI electronic componets MSM9225 Datasheet HTML 10Page - OKI electronic componets MSM9225 Datasheet HTML 11Page - OKI electronic componets MSM9225 Datasheet HTML 12Page - OKI electronic componets MSM9225 Datasheet HTML 13Page - OKI electronic componets MSM9225 Datasheet HTML 14Page - OKI electronic componets MSM9225 Datasheet HTML 15Page - OKI electronic componets MSM9225 Datasheet HTML 16Page - OKI electronic componets MSM9225 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
¡ Semiconductor
MSM9225
13/73
1. CAN control register (CANC: 0Ehex)
This register controls the operation of CAN.
The bit configuration is as follows:
76543210
Address MSB
0Eh
LSB
INIT : Initialize
TIRS : Transmission identifier retrieval
Not used
SYNC : Bit synchronization
CANA : CAN write flag
T x F : Transmission flag
R x F : Receive flag
Not used
(1) Initialize: INIT
This bit is used to initialize the communication control area. To start initialization, write
"1" to INIT, read INIT and confirm that INIT is "1", then initialize. To end initialization,
write "0" to INIT, read INIT, and confirm that INIT is "0". For both, initialization mode
is not set/cleared until the above procedure is executed.
If the INIT bit is set to "1" during the transmission or receive operation, the initialization
will start after the communication completes.
When the INIT bit is set to "1", the communication operation stops but the error counter
and data memory are held.
To initialize message memory, write the number of messages to be used to the number
of messages setting register, NMES, then write the inside message control register,
identifier 1, and identifier 2 sequentially from message 0 for all messages.
At reset, INIT is set to "1".
(2) Transmission identifier retrieval: TIRS
This bit is used to scan identifiers sequentially from message 0 to the last message of the
message memory, detecting priority of the message for which the transmission request
TRQ is "1" and starting to transmit the messages. TIRS will be set to "0" when there are
no transmission request messages after scanning or transmitting.
At reset, TIRS is set to "0".
(3) Bit synchronization: SYNC
This bit is used to set the bit synchronization edge to synchronize at the CAN bus.
When SYNC is "0", the synchronization edge is set at the falling edge of data.
When SYNC is "1", the synchronization edge is set at both the rising and falling edges of
data.
At reset, SYNC is set to "0".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com