Electronic Components Datasheet Search
  English  ▼

X  

MSM9831 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM9831
Description  VOICE SYNTHESIS LSI with on-chip 384Kbit MASK ROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9831 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM9831 Datasheet HTML 15Page - OKI electronic componets MSM9831 Datasheet HTML 16Page - OKI electronic componets MSM9831 Datasheet HTML 17Page - OKI electronic componets MSM9831 Datasheet HTML 18Page - OKI electronic componets MSM9831 Datasheet HTML 19Page - OKI electronic componets MSM9831 Datasheet HTML 20Page - OKI electronic componets MSM9831 Datasheet HTML 21Page - OKI electronic componets MSM9831 Datasheet HTML 22Page - OKI electronic componets MSM9831 Datasheet HTML 23Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21/22
MSM9831-xxx
¡ Semiconductor
NOTES
1. Internal converter circuit
The MSM9831 has not employed a voltage output type D/A converter but a current output type
D/A converter. Therefore, the voice output circuit of the MSM9831 is different from that of the
MSM6650 family product which has employed a voltage output type D/A converter. The voice
output circuit of the MSM9831 also is different from that of the MSM9800 family product because
the MSM9831 has employed a current flowing-in type D/A converter and the MSM9800 family
product has employed a current flowing-out type D/A converter. (See the table below)
MSM6650 family
MSM9800 family
MSM9831
Product name
D/A converter circuit type
D/A converter output circuit
Voltage output type
—
Current output (flowing-out) type
P-MOS open drain
Current output (flowing-in) type
N-MOS open drain
Circuit connection between the MSM9831 and amplifier IC
VDD
AOUT
GND
D/A converter
MSM9831
Current flowing direction
AMP
Resistor for conversion from current to voltage
VDD
AOUT
GND
D/A converter
Current flowing direction
AMP
Resistor for conversion from current to voltage
MSM9800 family
Circuit connection between the MSM9800 family product and amplifier IC
2. Ceramic oscillator
A crystal that is usable in this LSI is described in "Functional Description" of this document. If
you want to use another crystal, it is recommended to evaluate the crystal before using it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com