Electronic Components Datasheet Search
  English  ▼

X  

MSM9831 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM9831
Description  VOICE SYNTHESIS LSI with on-chip 384Kbit MASK ROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9831 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM9831 Datasheet HTML 9Page - OKI electronic componets MSM9831 Datasheet HTML 10Page - OKI electronic componets MSM9831 Datasheet HTML 11Page - OKI electronic componets MSM9831 Datasheet HTML 12Page - OKI electronic componets MSM9831 Datasheet HTML 13Page - OKI electronic componets MSM9831 Datasheet HTML 14Page - OKI electronic componets MSM9831 Datasheet HTML 15Page - OKI electronic componets MSM9831 Datasheet HTML 16Page - OKI electronic componets MSM9831 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/22
MSM9831-xxx
¡ Semiconductor
Figure 4.1 Phrase Combination Matrix for Phrase Control Table
No. Y-Address
Phrase
101
202
303
505
606
707
808
909
10
0A
31
1F
—
Phrase Data Registration Area
1
[01]
2
[02]
3
Silence (64ms)
4
[05]
5
[03]
6—
7—
8—
Phrase Control Table Area
Phrase Addigned
n
Silence time length
1
32 ms
2
64 ms
31
992 ms
Setting of silence time
length (32ms
¥n)
No. X-Address
101
202
303
404
505
606
707
808
909
31
1F
The silence time lengths are directly
proportional to the clock (fOSC) period.
404
it
is
today
rainy
cloudy
snowy
occasionally
becoming
in some areas
fine
it
is
rainy
today



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com