Electronic Components Datasheet Search
  English  ▼

X  

MSM9831 Datasheet(PDF) 18 Page - OKI electronic componets

Part # MSM9831
Description  VOICE SYNTHESIS LSI with on-chip 384Kbit MASK ROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9831 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button MSM9831 Datasheet HTML 14Page - OKI electronic componets MSM9831 Datasheet HTML 15Page - OKI electronic componets MSM9831 Datasheet HTML 16Page - OKI electronic componets MSM9831 Datasheet HTML 17Page - OKI electronic componets MSM9831 Datasheet HTML 18Page - OKI electronic componets MSM9831 Datasheet HTML 19Page - OKI electronic componets MSM9831 Datasheet HTML 20Page - OKI electronic componets MSM9831 Datasheet HTML 21Page - OKI electronic componets MSM9831 Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
18/22
MSM9831-xxx
¡ Semiconductor
Connecting the MSM9831 to Speaker Driving Amplifier
The MSM9831 uses a current output type D/A converter.
When the MSM9831 is connected to a voltage input type amplifier, it is required to convert the
voice signal that is output as "change of current" into the voice signal that is output as "change
of voltage".
The connection between the MSM9831 and MSC1157 (OKI speaker driving amplifier) when a
resistor is used for the above conversion is described below.
Circuit connection example 1: When VDD=5.0V and the amplitude of Ain of the MSC1157
is 2.5VP-P
P1.2
P1.1
P1.0
ST
PI
PDWN
AOUT
VDD
+5V
47nF
+5V
+
–
+
–
+
–
XT
XT
GND
Ain
VCC
SP
SP
VR
STBY
GND
SEL
4.096MHz
(Ceramic oscillation is selected)
Circuit connection example 2: When VDD=3.0V and the amplitude of Ain of the MSC1157
is 1.5VP-P
P1.2
P1.1
P1.0
ST
PI
PDWN
AOUT
VDD
+3V
47nF
+3V
+
–
+
–
+
–
XT
GND
Ain
VCC
SP
SP
VR
STBY
GND
SEL
(External clock input is selected)
CLK
XT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com