Electronic Components Datasheet Search
  English  ▼

X  

FP6790 Datasheet(PDF) 3 Page - Fitipower Integrated Technology Inc.

Part # FP6790
Description  Low-Noise Boost DC-DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6790 Datasheet(HTML) 3 Page - Fitipower Integrated Technology Inc.

  FP6790 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 8Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FP6790-1.5-JAN-2012
3
FP6790
85T
fitipower integrated technology lnc.
Block Diagram
UVLO
SOFT
START
CONTROL
and
DRIVE
LOGIC
_
+
_
+
1.24V
OSCILLATOR
SLOPE
COMPENSATION
SHUTDOWN
Comparator
Clock
Error Amplifier
5µA
IN
SS
LX
GND
SHDN
COMP
FB
FREQ
CURRENT
SENSE
4µA
Figure 3. Block Diagram of FP6790
Absolute Maximum Ratings
● VIN to GND ---------------------------------------------------------------------------------------------------- -0.3V to +6V
● LX to GND ----------------------------------------------------------------------------------------------------- -0.3V to +14V
● SHDN, FB, SS, FREQ, COMP to GND ---------------------------------------------------------------- -0.3V to +6V
● Power Dissipation @ T
A=25°C, MSOP-8 (PD) -------------------------------------------------------- 630mW
● Package Thermal Resistance, MSOP-8 (θ
JA) -------------------------------------------------------- 160°C/W
● Junction Temperature --------------------------------------------------------------------------------------- +150°C
● Storage Temperature Range ------------------------------------------------------------------------------ -65°C to +150°C
● Lead Temperature (Soldering, 10sec.) ----------------------------------------------------------------- 260°C
Note 1:
Stresses beyond those listed under “Absolute Maximum Ratings" may cause permanent damage to the device.
Recommended Operating Conditions
● Supply Voltage, V
IN ------------------------------------------------------------------------------------------ 3.3V± 10%, 5V± 10%
● Max. Output Voltage ---------------------------------------------------------------------------------------- 12V
● Operation Temperature Range --------------------------------------------------------------------------- -40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com