Electronic Components Datasheet Search
  English  ▼

X  

FP6790 Datasheet(PDF) 5 Page - Fitipower Integrated Technology Inc.

Part # FP6790
Description  Low-Noise Boost DC-DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6790 Datasheet(HTML) 5 Page - Fitipower Integrated Technology Inc.

  FP6790 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 8Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FP6790-1.5-JAN-2012
5
FP6790
85T
fitipower integrated technology lnc.
Typical Performance Curves
Figure 4. No-Load Supply Current vs. Input Voltage
Figure 5. Maximum Output Current vs. Input Voltage
Figure 6. Output Voltage vs. Output Current
Figure 7. Efficiency vs. Output Current
Figure 8. Frequency vs. Junction Temperature
Figure 9. Output Voltage vs. Junction Temperature
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Input Voltage (V)
VOUT=10V
FREQ=640Khz
FREQ=1.2Mhz
2.5
3.0
3.5
4.0
4.5
5.0
5.5
250
300
350
400
450
500
550
600
650
Input Voltage (V)
VOUT=10V
FREQ=640Khz
0
50
100
150
200
250
300
9.80
9.85
9.90
9.95
10.00
10.05
10.10
Output Current (mA)
VOUT=10V
VIN=3.3V
L=10uH
FREQ=640Khz
1
10
100
1000
50
55
60
65
70
75
80
85
90
95
FREQ=640Khz
L=10uH
Output Current (mA)
VIN=3.3V
VOUT=10V
FREQ=1.2Mhz
L=4.7uH
-40
-20
0
20
40
60
80
100
120
140
560
570
580
590
600
610
620
Junction Temperature (
oC)
V
IN
=3.3V
-40
-20
0
20
40
60
80
100
120
140
10.000
10.025
10.050
10.075
10.100
10.125
10.150
Junction Temperature (
oC)
VIN=3.3V, VOUT=10V, L=10uH
Freq=640Khz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com