Electronic Components Datasheet Search
  English  ▼

X  

FP6790 Datasheet(PDF) 6 Page - Fitipower Integrated Technology Inc.

Part # FP6790
Description  Low-Noise Boost DC-DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6790 Datasheet(HTML) 6 Page - Fitipower Integrated Technology Inc.

  FP6790 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 8Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FP6790-1.5-JAN-2012
6
FP6790
85T
fitipower integrated technology lnc.
Typical Performance Curves (Continued)
CH1: Output Voltage, AC-Coupled
CH3: Load Current
CH4. Inductor Current
VIN=3.3V, VOUT=10V, FREQ=640kHz,COUT=33μF+0.1μF
CH1: Output Voltage, AC-Coupled
CH3: Load Current
CH4. Inductor Current
VIN=3.3V, VOUT=10V, FREQ=1.2MHz, COUT=33μF+0.1μF
Figure 10. Load transient Response
Figure 11. Load transient Response
CH1: Output Voltage
CH2:
CH4: Inductor Current
VIN=3.3V, VOUT=10V, IOUT=10mA , L=10μ , C3=33nF,
FREQ=640kHz, COUT=33μF
CH1: Output Voltage
CH2:
CH4: Inductor Current
VIN=3.3V, VOUT=10V, IOUT=200mA , L=10μ , C3=33nF,
FREQ=640kHz, COUT=33μF
Figure 12. Start-up Waveform with Soft-start
Figure 13. Start-up Waveform with Soft-start
SHDN
SHDN
200mA
10mA
R3=120k
Ω
C4=1000pF
C6=47pF
200mA
10mA
R3=200k
Ω
C4=680pF
C6=33pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com