Electronic Components Datasheet Search
  English  ▼

X  

CF36 Datasheet(PDF) 6 Page - Eaton All Rights Reserved.

Part # CF36
Description  CUBEFuse safety switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CF36 Datasheet(HTML) 6 Page - Eaton All Rights Reserved.

  CF36 Datasheet HTML 1Page - Eaton All Rights Reserved. CF36 Datasheet HTML 2Page - Eaton All Rights Reserved. CF36 Datasheet HTML 3Page - Eaton All Rights Reserved. CF36 Datasheet HTML 4Page - Eaton All Rights Reserved. CF36 Datasheet HTML 5Page - Eaton All Rights Reserved. CF36 Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
The only controlled copy of this data sheet is the electronic read-only version located on the Eaton network drive. All other copies of this
document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical
information that will help the end user with design applications. Eaton reserves the right, without notice, to change design or construction of
any products and to discontinue or limit distribution of any products. Eaton also reserves the right to change or update, without notice, any
technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Neutral kit wire ranges:
Neutral kit dimensions - in (mm)
30 and 60A DH030NKB
100A DH100NKB
Technical Data 1156
Effective December 2015
Bussmann series CUBEFuseTM safety switch
Auxiliary contact kit ratings
DS200EK1B 1NO/1NC auxiliary contacts
AC pilot duty ratings
DC pilot duty ratings
Volts AC
Break
Make
Volts DC
Amps
110
15A
40A
115
2.0A
220
10A
20A
230
0.5A
440
6A
10A
600
0.1A
600
5A
8A
DS200EK2B 2NO/2NC auxiliary contacts
AC pilot duty ratings
DC pilot duty ratings
Volts AC
Break
Make
Volts DC
Amps
110
3.0A
30A
115
1.0A
220
1.5A
15A
230
0.3A
440
1.0A
8A
600
0.1A
600
0.8A
6A
DH030NKB neutral kit for 30A and 60A switches:
No. of lugs
Wire range
4
14 to 2AWG Cu/Al
DH100NKB Neutral kit for 100A switches:
No. of lugs
Wire range
2
14 to 2AWG Cu/Al
2
14 to 1/0AWG Cu/Al
Eaton, Bussmann and CUBEFuse are
valuable trademarks of Eaton in the US
and other countries. You are not permitted
to use the Eaton trademarks without prior
written consent of Eaton.
NEC is a registered trademark of the
National Fire Protection Association, Inc.
NEMA is a registered trademark of
the National Electrical Manufacturers
Association.
UL is a registered trademark of the
Underwriters Laboratories, Inc.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2015 Eaton
All Rights Reserved
Printed in USA
Publication No. 1156 – BU-SB13916
December 2015
For Eaton’s Bussmann series
product information,
call 1-855-287-7626 or visit:
Eaton.com/bussmannseries
Follow us on social media to get the
latest product and support information.
#10-32 X 0.500
self-threading
screw provided
Bonding strap and
two screws included
in neutral kit
Note:
1. Four lugs with wire range of 2-14 AL9CU.
2. Metric dimension (in millimeters) shown in brakets.
#10-32 X 0.500
self-threading
screw provided
Bonding strap and
two screws included
in neutral kit
Note:
1.Two lugs with wire range of 2-14 AL9CU.
2.Two lugs with wire range of 1/0-14 AL9CU
3.Metric dimension (in millimeters) shown in brakets.
0.625 [15.9]
0.687 [17.4]
1.500 [38.1]
2.812 [71.4]
3.000 [76.2]
1.624 [41.2]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com