Electronic Components Datasheet Search
  English  ▼

X  

CF36 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # CF36
Description  CUBEFuse safety switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CF36 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  CF36 Datasheet HTML 1Page - Eaton All Rights Reserved. CF36 Datasheet HTML 2Page - Eaton All Rights Reserved. CF36 Datasheet HTML 3Page - Eaton All Rights Reserved. CF36 Datasheet HTML 4Page - Eaton All Rights Reserved. CF36 Datasheet HTML 5Page - Eaton All Rights Reserved. CF36 Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product description:
Bussmann series heavy duty 600Vac safety
switch with the finger-safe CUBEFuses™ is
UL® 98 Listed and features a 200kA
short-circuit current rating. It is available up
to 100A in NEMA® 1, 3R, 12, and 4X
enclosures.
The Bussmann series safety switch is
horsepower rated for use in motor
applications and is suitable for service
entrance use with a neutral kit.
Additional features include a lineside shield
and red flange handle that can
accommodate up to three padlocks to
facilitate lockout/tagout procedures during
maintenance.
Standard features:
•
Utilizing the current-limiting time-delay or
fast-acting Bussmann series CUBEFuse makes
it easy to precisely match the type and level of
protection required, and provideType 2 “no
damage” motor starter protection when
properly sized. Bussmann series CUBEFuse is
available in ratings from 1 to 100 amps.
•
Up to 200kA short-circuit current rating to
safely handle high fault current levels,
minimize arc flash hazard, protect
downstream equipment and help to comply
with NEC® 110.9 and 110.10 requirements per
UL 98 and UL 50.
•
Extended, clear lineside terminal shield and
finger-safe 30, 60, or 100A Bussmann series
Class CF CUBEFuse/CUBEFuse holder
combination isolate live electrical components
to improve electrical safety.
•
A visible double break, quick-make, quick-
break rotary blade mechanism provides
positive visual confirmation of switch status
for increased electrical safety.
•
Optional viewing window on NEMA 12 and 4X
stainless enclosures provides visual
confirmation that switch contacts have
operated, and view fuse indication without
opening the switch door.
•
Industry standard flange handle provides
quick visual status at a glance, while the triple
padlocking capability makes it easy to comply
with lockout/tagout procedures.
•
Dual mechanically interlocked door improves
electrical safety by preventing door opening
when the switch is ON, or turning the switch
ON when the door is open.
•
Available NEMA 1, 3R, 12, and 4X stainless
enclosures make it easy to apply in virtually
all safety switch applications.
•
Horsepower rated for use as a motor
disconnect on single- and three-phase AC
motors provides application flexibility.
•
Bussmann series CUBEFuse holder eliminates
the need for fuse reducers, making it easy to
install lower fuse ratings.
•
Ampacity rejecting Bussmann series
CUBEFuse holder helps prevent overfusing.
CUBEFuse safety switch
Technical data 1156
Effective December 2015
Supersedes September 2013
BUSSMANN
SERIES


Similar Part No. - CF36

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CF361FGKW COOPER-CF361FGKW Datasheet
545Kb / 6P
CUBEFuse safety switch
logo
List of Unclassifed Man...
CF361FGKW ETC1-CF361FGKW Datasheet
545Kb / 6P
CUBEFuse safety switch
More results

Similar Description - CF36

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H361AWK ETC2-H361AWK Datasheet
492Kb / 2P
Safety Switch
H365NR ETC2-H365NR Datasheet
90Kb / 1P
Safety Switch
logo
Cooper Bussmann, Inc.
CF361FGKW COOPER-CF361FGKW Datasheet
545Kb / 6P
CUBEFuse safety switch
FCF1RN COOPER-FCF1RN Datasheet
201Kb / 2P
Fast-Acting CUBEFuse
logo
List of Unclassifed Man...
CF361FGKW ETC1-CF361FGKW Datasheet
545Kb / 6P
CUBEFuse safety switch
logo
Pepperl+Fuchs Inc.
VAA-1E-IEI3-READER1-S-V31 PF-VAA-1E-IEI3-READER1-S-V31 Datasheet
149Kb / 1P
Safety Switch
VAZ-IER1-ACTUATOR1-S PF-VAZ-IER1-ACTUATOR1-S Datasheet
184Kb / 1P
Safety Switch
VAZ-IER2-ACTUATOR2-S PF-VAZ-IER2-ACTUATOR2-S Datasheet
171Kb / 1P
Safety Switch
VAA-2E-IM1-J-S-V1 PF-VAA-2E-IM1-J-S-V1 Datasheet
228Kb / 2P
Safety Switch
2019-01-09
VAA-2E2A-IM1-J-S-V1 PF-VAA-2E2A-IM1-J-S-V1 Datasheet
233Kb / 2P
Safety Switch
2019-01-09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com