Electronic Components Datasheet Search
  English  ▼

X  

CF36 Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # CF36
Description  CUBEFuse safety switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CF36 Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  CF36 Datasheet HTML 1Page - Eaton All Rights Reserved. CF36 Datasheet HTML 2Page - Eaton All Rights Reserved. CF36 Datasheet HTML 3Page - Eaton All Rights Reserved. CF36 Datasheet HTML 4Page - Eaton All Rights Reserved. CF36 Datasheet HTML 5Page - Eaton All Rights Reserved. CF36 Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Eaton.com/bussmannseries
3
Bussmann series CUBEFuseTM safety switch
Technical Data 1156
Effective December
KNOCKOUT
LOCATION
1
KNOCKOUT
LOCATION
2
KNOCKOUT
LOCATION
KNOCKOUTS OMITTED
ON TOP ENDWALL OF
NEMA 3R ENCLOSURES
NEMA 1 and 3R enclosures dimensions - 30 to 100 amps - in (mm):
Conduit knockout quantity (size - inches)
NEMA
Type
Amps
Location 1
Location 2
3R
30/60A
5 (3/4, 1, 1 1/4)
2 (1/2, 3/4, 1, 1 1/4)
100A
5 (1 1/4, 1 1/2, 2)
2 (1 1/4, 1 1/2, 2)
1
30/60A
10 (1 1/4, 1 1/2, 2)
4 (1 1/4, 1 1/2, 2)
100A
10 (1 1/4, 1 1/2, 2)
4 (1 1/4, 1 1/2, 2)
NEMA type
Amps
A
B
C
D
E
F
G
H
J
k
L
M
N
3R
30/60A
7.75
(196.9)
2.44
(62.0)
8.12
(206.2)
16.27
(413.3)
14.25
(362.0)
3.66
(93.0)
6.5
(165.1)
0.56
(14.2)
1.38
(35.1)
–
(–)
1.44
(36.6)
–
(–)
15.81
(401.6)
100A
10.78
(273.8)
3.5
(88.9)
11.09
(281.7)
21.99
(558.5)
20.0
(508.0)
4.5
(114.3)
9.5
(241.3)
0.75
(18.8)
1.88
(47.8)
–
(–)
1.88
(47.8)
–
(–)
21.68
(550.7)
1
30/60A
7.75
(169.9)
2.44
(62.0)
8.06
(204.7)
16.00
(406.4)
14.25
(362.0)
3.66
(93.0)
6.5
(165.1)
0.56
(14.2)
1.38
(35.1)
1.38
(35.1)
1.44
(36.6)
1.44
(36.6)
15.81
(401.6)
100A
10.78
(273.8)
3.5
(88.9)
11.09
(281.7)
21.99
(558.5)
20.0
(508.0)
4.5
(114.3)
9.5
(241.3)
0.74
(18.8)
1.88
(47.8)
1.88
(47.8)
1.88
(47.8)
1.88
(47.8)
21.68
(550.7)
Knockout omitted on
top endwall of NEMA
3R enclosures
Knockout
location 1
tagential
knockouts
0.27 DIA MTG.
hole (3) REQD.
Knockout
location 2
concentric
knockouts
Knockout
location
0.88[22.4]
0.75
5.25 [133.3]
0.88 [22.4]
0.88 [22.4
]
9.89 [251.3]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com