Electronic Components Datasheet Search
  English  ▼

X  

GPCL020B1 Datasheet(PDF) 16 Page - Generalplus Technology Inc.

Part # GPCL020B1
Description  Low Power Sound Conttrollller Seriies
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCL020B1 Datasheet(HTML) 16 Page - Generalplus Technology Inc.

Back Button GPCL020B1 Datasheet HTML 11Page - Generalplus Technology Inc. GPCL020B1 Datasheet HTML 12Page - Generalplus Technology Inc. GPCL020B1 Datasheet HTML 13Page - Generalplus Technology Inc. GPCL020B1 Datasheet HTML 14Page - Generalplus Technology Inc. GPCL020B1 Datasheet HTML 15Page - Generalplus Technology Inc. GPCL020B1 Datasheet HTML 16Page - Generalplus Technology Inc. GPCL020B1 Datasheet HTML 17Page - Generalplus Technology Inc. GPCL020B1 Datasheet HTML 18Page - Generalplus Technology Inc. GPCL020B1 Datasheet HTML 19Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
GPCL A1/B1 Series
© Generalplus Technology Inc.
Proprietary & Confidential
16
Sep. 15, 2015
Version: 1.0
10. LAYOUT GUIDELINE
PCB layout guidelines:
1.
The chip should be placed to where it makes VSSIN as close as possible to PCB pin out.
2.
Make the width of VSSIN, VDDO and Lpump's PCB pin out as wide as possible.
3.
The substrate under chip requires holes to dissipate heat and please connect substrate with VSS.
4.
The route through chip, battery, and inductor should be as short as possible; its wire diameter should be as thick as possible.
5.
Connect the VSS and battery's negative to a whole GND.
6.
Place all chip's components as close as possible to IC, especially the 47uF capacitor to VDDO. ESR<2 ohm in 0~70C is suggested.
7.
Please use inductance with lower resistance to gain higher efficiency. 22uH/0.5W@IDC(max)>250mA ,DCR<1.5ohm is the suggested
inductance specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com