Electronic Components Datasheet Search
  English  ▼

X  

GPCL020B1 Datasheet(PDF) 7 Page - Generalplus Technology Inc.

Part # GPCL020B1
Description  Low Power Sound Conttrollller Seriies
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCL020B1 Datasheet(HTML) 7 Page - Generalplus Technology Inc.

Back Button GPCL020B1 Datasheet HTML 3Page - Generalplus Technology Inc. GPCL020B1 Datasheet HTML 4Page - Generalplus Technology Inc. GPCL020B1 Datasheet HTML 5Page - Generalplus Technology Inc. GPCL020B1 Datasheet HTML 6Page - Generalplus Technology Inc. GPCL020B1 Datasheet HTML 7Page - Generalplus Technology Inc. GPCL020B1 Datasheet HTML 8Page - Generalplus Technology Inc. GPCL020B1 Datasheet HTML 9Page - Generalplus Technology Inc. GPCL020B1 Datasheet HTML 10Page - Generalplus Technology Inc. GPCL020B1 Datasheet HTML 11Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
GPCL A1/B1 Series
© Generalplus Technology Inc.
Proprietary & Confidential
7
Sep. 15, 2015
Version: 1.0
d. GPCL096A1 , GPCL096B1
0x0000
IO
0x0080
0x00FF
0x4_7FFF
Reserved
SRAM
User's Program & Data Area
0x0200
0x0017
Reserved
0x0600
Test Program
0x0180
SRAM (Mapping)
0x01FF
e. GPCL040A1 , GPCL040B1
0x0000
IO
0x0080
0x00FF
0x1_FFFF
Reserved
SRAM
User's Program & Data Area
0x0200
0x0017
Reserved
0x0600
Test Program
0x0180
SRAM (Mapping)
0x01FF
f. GPCL030A1 , GPCL030B1
0x0000
IO
0x0080
0x00FF
0x1_7FFF
Reserved
SRAM
User's Program & Data Area
0x0200
0x0017
Reserved
0x0600
Test Program
0x0180
SRAM (Mapping)
0x01FF
g. GPCL020A1, GPCL020B1
0x0000
IO
0x0080
0x00FF
0xFFFF
Reserved
SRAM
User's Program & Data Area
0x0200
0x0017
Reserved
0x0600
Test Program
0x0180
SRAM (Mapping)
0x01FF
h. GPCL010A1 , GPCL010B1
0x0000
IO
0x0080
0x00FF
0x7FFF
Reserved
SRAM
User's Program & Data Area
0x0200
0x0017
Reserved
0x0600
Test Program
0x0180
SRAM (Mapping)
0x01FF
7.5. I/O Port
There are 12 IOs (IOC3-0 and IOD7-0) in the GPCL A1/B1 series;
IOC3-0 is a nibble-controlled IO, but IOD7-0 is a bit-controlled IO.
They can be programmed as input (pure input or pull-low) or
output buffer.
A pull-low input IOD7-0 keeps a less impedance to
get better noise immunity.
While pressing the key (IOD7-0 to
VDD), a larger impedance is retained to save DC power.
IOD6
can be programmed as an external interrupt source.
IOD7 can
be programmed as an IR transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com