Electronic Components Datasheet Search
  English  ▼

X  

GPCL020B1 Datasheet(PDF) 3 Page - Generalplus Technology Inc.

Part # GPCL020B1
Description  Low Power Sound Conttrollller Seriies
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCL020B1 Datasheet(HTML) 3 Page - Generalplus Technology Inc.

  GPCL020B1 Datasheet HTML 1Page - Generalplus Technology Inc. GPCL020B1 Datasheet HTML 2Page - Generalplus Technology Inc. GPCL020B1 Datasheet HTML 3Page - Generalplus Technology Inc. GPCL020B1 Datasheet HTML 4Page - Generalplus Technology Inc. GPCL020B1 Datasheet HTML 5Page - Generalplus Technology Inc. GPCL020B1 Datasheet HTML 6Page - Generalplus Technology Inc. GPCL020B1 Datasheet HTML 7Page - Generalplus Technology Inc. GPCL020B1 Datasheet HTML 8Page - Generalplus Technology Inc. GPCL020B1 Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
GPCL A1/B1 Series
© Generalplus Technology Inc.
Proprietary & Confidential
3
Sep. 15, 2015
Version: 1.0
LOW POWER SOUND CONTROLLER SERIES
1. GENERAL DESCRIPTION
The GPCL A1/B1 series, a speech/wavetable synthesizer, features
an 8-bit CMOS microprocessor, 128-byte working SRAM and
working ROM (The different body equips different ROM size.).
Other primary features include two 8-bit Timer/Counters, which
can cascade to one 16-bit timer/counter, 12 Software Selectable
I/Os and a pair of PWM output.
It is designed for wide input
voltage (1.0V ~ 1.7V; 1.3V~3.6V), and the circuit works at a stable
and programmable pumped voltage (3.3V ~ 3.9V; 3.3V ~ 4.5V).
Plus, a Clock Stop mode is built in for power savings.
The
unique power saving mode saves the RAM contents, but it freezes
the oscillator to stop executing other functions.
The maximum
CPU frequency can run up to 6MHz and the instruction cycle is
two clock cycles (min.) ~ six clock cycles (max.).
2. BLOCK DIAGRAM
8-bit
controller
ROM
128B
RAM
ROSC
CLOCK
RESET
DC-DC
Address
decoder
8-bit
timer/counter
Timerbase
INT control
PWM output
12 PINs general I/O port
AUDP
AUDN
IOC[3:0]
IOD[7:0]
ROSC
RESETB
3. FEATURES
 8-bit microprocessor
 Working ROM (for size details, please refer to GPCL A1/B1
FAMILY LIST)
 128-byte working SRAM
 Software-based audio processing
 Wide input voltage :
1.0V~1.7V (one-battery , GPCLXXXA1)
1.3V~3.6V (two-battery , GPCLXXXB1)
 Pumped voltage (DC-DC) for core power:
3.3V~3.9V;Step:0.3V(one-battery , GPCLXXXA1)
3.3V~4.5V;Step:0.3V(two-battery , GPCLXXXB1)
*The output pumped voltage is greater than or equal to input
voltage
 Operating clock: 6.0MHz
 Supports ROSC only
 Standby mode (Clock Stop mode) for power savings.
Max. 5.0
A @1.5V (one-battery , GPCLXXXA1)
Max. 10.0
A @ 3.0V (two-battery , GPCLXXXB1)
 12 general I/Os
 Low Voltage Reset (LVR) function
 Two 8-bit timer/counters or combined to one 16-bit timer/counter
 Six INT sources
 Key wakeup function
 Watchdog function
 A pair of PWM outputs
 IR function
4. APPLICATION FIELD
 Intelligent education toys
Ex. Pattern to voice (animal, car, color, etc.)
Spelling (English or Chinese)
Math
 Advanced toy controller
 General speech synthesizer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com