Electronic Components Datasheet Search
  English  ▼

X  

CHCC Datasheet(PDF) 7 Page - Eaton All Rights Reserved.

Part # CHCC
Description  CH Modular, IP20 finger-safe DIN-Rail holders for Class CC, supplemental and PV fuses
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CHCC Datasheet(HTML) 7 Page - Eaton All Rights Reserved.

  CHCC Datasheet HTML 1Page - Eaton All Rights Reserved. CHCC Datasheet HTML 2Page - Eaton All Rights Reserved. CHCC Datasheet HTML 3Page - Eaton All Rights Reserved. CHCC Datasheet HTML 4Page - Eaton All Rights Reserved. CHCC Datasheet HTML 5Page - Eaton All Rights Reserved. CHCC Datasheet HTML 6Page - Eaton All Rights Reserved. CHCC Datasheet HTML 7Page - Eaton All Rights Reserved. CHCC Datasheet HTML 8Page - Eaton All Rights Reserved. CHCC Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Technical Data 10430
Effective September 2018
CH modular, IP20 finger-safe DIN-Rail holders for
Class CC, supplemental and PV fuses
Eaton.com/bussmannseries
Accessory catalog numbers
Catalog no.
Description
Carton quantity
PWR1PLP
Single-phase low-profile power feed terminal (115 A, 1000 Vac/dc)
10
PWR35MM
35 mm2 power feed terminal for three-phase busbar (115 A, 1000 Vac/dc)
10
PWR50MM
50 mm2 direct power feed terminal (1000 Vac/dc)
10
ECAP1P
Single-phase busbar endcap
50
ECAPMP
Three-phase comb busbar end cap
50
FSCVR
Spare comb busbar pin safety protection covers
10 strips of five covers each, total 50 individual covers
Comb busbar safety covers and end caps:
FSCVR
ECAP1P
ECAPMP
4.9
2.1
1.1
8.5
14.0
1.7
1.0
18.6
21.6
9.5
24.0
17.8
71.2
14.0
3.8
85.2
24.2
4.6
5.7
23.8
R 0.5
Spare comb busbar pin safety protection covers (used to cover
exposed pins on comb busbars). Sold in quantity of ten strips of five
covers each. (FSCVR comes with five covers on a strip. Minimum
order is 10 strips or 50 safety covers total.)
End cap for single-phase comb busbars. Sold in quantity of fifty.
End cap for three-phase comb busbars. Sold in quantity of fifty.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com