Electronic Components Datasheet Search
  English  ▼

X  

CHCC Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # CHCC
Description  CH Modular, IP20 finger-safe DIN-Rail holders for Class CC, supplemental and PV fuses
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CHCC Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  CHCC Datasheet HTML 1Page - Eaton All Rights Reserved. CHCC Datasheet HTML 2Page - Eaton All Rights Reserved. CHCC Datasheet HTML 3Page - Eaton All Rights Reserved. CHCC Datasheet HTML 4Page - Eaton All Rights Reserved. CHCC Datasheet HTML 5Page - Eaton All Rights Reserved. CHCC Datasheet HTML 6Page - Eaton All Rights Reserved. CHCC Datasheet HTML 7Page - Eaton All Rights Reserved. CHCC Datasheet HTML 8Page - Eaton All Rights Reserved. CHCC Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Technical Data 10430
Effective September 2018
CH modular, IP20 finger-safe DIN-Rail holders for
Class CC, supplemental and PV fuses
Eaton.com/bussmannseries
Accessories:
Bussmann series CH modular fuse holders can be applied using a
variety of accessories that facilitate or simplify installation.
35 mm DIN-Rails
•
Constructed of high strength stainless steel
•
Sold in 1 meter lengths
•
Available in high- or low-profile versions
Catalog numbers
Profile
Height
DRL35MMLO
Low
7.5 mm
DRL35MMHI
High
15 mm
Comb busbars
Power feed terminals
1- and 3-phase comb busbars
CH fuse holders
Contact safety covers
•
Easily distribute power in single-or three-phase systems
•
Flexible cut-to-length busbars do not compromise the finger-safe
protection (requires using endcaps)
•
100 kA SCCR when protected by a max 200 A Class J fuse
•
Single-phase busbars rated to 1000 Vdc and 100 A
•
Three-phase busbars rated to 600 Vac/dc and 100 A
•
Power feed terminals for single-and three-phase systems
Specifications:
Agency information
•
UL 508, File E195399
Pitch
•
17.8 mm
Ratings
•
Volts
•
600 Vac/dc max. (three-phase)
•
1000 Vdc/600 Vac max. (single-phase)
•
Amps 100 A max.
•
SCCR
•
10 kA (default)
•
100 kA (with upstream Class J max 200 A fuses)
Available in 3, 6, 9, 12,15 and 57 pin constructions.
Available in 6, 9, 12, 15 and 57 pin constructions.
Single-phase comb busbars
Three-phase comb busbars



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com