Electronic Components Datasheet Search
  English  ▼

X  

CHCC Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # CHCC
Description  CH Modular, IP20 finger-safe DIN-Rail holders for Class CC, supplemental and PV fuses
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CHCC Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  CHCC Datasheet HTML 1Page - Eaton All Rights Reserved. CHCC Datasheet HTML 2Page - Eaton All Rights Reserved. CHCC Datasheet HTML 3Page - Eaton All Rights Reserved. CHCC Datasheet HTML 4Page - Eaton All Rights Reserved. CHCC Datasheet HTML 5Page - Eaton All Rights Reserved. CHCC Datasheet HTML 6Page - Eaton All Rights Reserved. CHCC Datasheet HTML 7Page - Eaton All Rights Reserved. CHCC Datasheet HTML 8Page - Eaton All Rights Reserved. CHCC Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Technical Data 10430
Effective September 2018
CH modular, IP20 finger-safe DIN-Rail holders for
Class CC, supplemental and PV fuses
Eaton.com/bussmannseries
Storage and operating temperature
•
-4°F (-20°C) to 194°F (90°C) indicating
•
-4°F (-20°C) to 248°F (120°C) non-indicating
Features and benefits:
•
High SCCR rated, UL Listed Class CC holder with optional open
fuse indication for 600 Vac/dc and 48 V dc (see catalog number
table for details)
•
Enhanced safety with IP20 finger-safe construction
•
UL Recognized midget and IEC 10x38 holders with factory
assembled neutral pole option
•
Agency ratings up to 1000 Vdc for use with PV fuses
•
Available remote PLC fuse indication module
•
Wiring flexibility with terminals rated for use with 75°C or 90°C
solid, stranded and fine stranded wire, and spade terminals and
comb busbars. (Use any higher temperature insulations at the
90°C ampacity.)
•
Complete range of UL Listed and high SCCR rated one- and three-
phase finger-safe comb busbars and power feed lugs
•
Optional hex head terminal screw makes it easier to achieve nec-
essary torque values
Features:
17.5
[ 0.689 ]
35
[ 1.378 ]
52.5
[ 2.067 ]
70
[ 2.756 ]
73.88
[ 2.909 ]
42.58
[ 1.676 ]
52.83
[ 2.080 ]
61.83
[ 2.434 ]
18.59
[ 0.732 ]
83.19
[ 3.275 ]
9
[ 0.354 ]
7.0
[ 0.276 ]
Dimensions - mm (in):
Gang multiple poles to meet application requirements using kit catalog number
JV-L (gangs up to four poles).
Toolless 35 mm
DIN-Rail mounting
Optional open
fuse indicator
Wire strip
gauge
Toolless
ganging for
multiple poles
Dual conductor
rated box lug
clamp
Fork lug
terminal
Captive phil-slot
or optional hex
head terminal
screw
Fuse access door
accommodates 4 mm
lockout/tagout device
IP20 finger-safe
construction



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com