Electronic Components Datasheet Search
  English  ▼

X  

HT7167 Datasheet(PDF) 2 Page - Shenzhenshi YONGFUKANG Technology co.,LTD

Part # HT7167
Description  13V, 10A fully integrated synchronous boost converter with output shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YONGFUKANG [Shenzhenshi YONGFUKANG Technology co.,LTD]
Direct Link  http://www.szczkjgs.com/
Logo YONGFUKANG - Shenzhenshi YONGFUKANG Technology co.,LTD

HT7167 Datasheet(HTML) 2 Page - Shenzhenshi YONGFUKANG Technology co.,LTD

  HT7167 Datasheet HTML 1Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT7167 Datasheet HTML 2Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT7167 Datasheet HTML 3Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT7167 Datasheet HTML 4Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT7167 Datasheet HTML 5Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT7167 Datasheet HTML 6Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT7167 Datasheet HTML 7Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT7167 Datasheet HTML 8Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT7167 Datasheet HTML 9Page - Shenzhenshi YONGFUKANG Technology co.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
HT7167
Synchronous Boost Converter
13V,10A Fully-Integrated Synchronous Boost Converter with
Load Disconnect Control
◼ FEATURES
・Input voltage range VIN: 2.7V to 13V
・Output voltage range VOUT: 4.5V to 13V
・Programmable switch peak current limit: up to
10A
・High Efficiency
93% (VIN = 7.4V, VOUT=12V, IOUT =3A)
92% (VIN = 3.6V, VOUT=9V, IOUT =1A)
・2 modulation mode available: PFM or PWM
mode at light load
・Integrated gate driver for load disconnect and
output short protection
・1.0μA current consumption during shutdown
・Adjustable switching frequency: 200k to 1.4MHz
・Programmable soft start
・Output overvoltage protection (at 14V), cycle-by-
cycle overcurrent protection, thermal shutdown
protection
・Pb-free Packages,DFN20L, 4.5mm*3.5mm
◼ APPLICATIONS
・Wireless/ Speakers ・Portable Speakers
・Quick Charge Power Bank ・E-Cigarette
・Power Interface (USB Type-C, Thunderbolt)
・POS Terminal
・Tablet PC/Note Book
◼ DESCRIPTION
The HT7167 is a high-power density, fully integrated
synchronous boost converter with a 16mΩ power
switch and a 23mΩ rectifier switch to provide a high
efficiency and small size solution in portable
systems. The HT7167 has wide input voltage range
from 2.7 V to 13 V to support applications with single
cell and two cell Lithium batteries. The device has
10A switch current capability and can provide an
output voltage up to 13V.
The HT7167 uses adaptive constant off-time peak
current control topology to regulate the output
voltage. In moderate to heavy load condition, it
works in the PWM mode. In light load condition, the
device has two operation modes selected by the
MODE pin. One is PFM mode to improve the
efficiency and another one is the forced PWM mode
to avoid application problems caused by low
switching frequency. The switching frequency in the
PWM mode is adjustable ranging from 200kHz to
1.4MHz by an external resistor.
HT7167 could isolate the output from input side
when shut down by a gate drive output
disconnecting external FET, so that the load current
consumption could be limited.
The HT7167 also implements a programmable soft-
start function and an adjustable switching peak
current limit function. In addition, the device
provides 14V output overvoltage protection, cycle-
by-cycle overcurrent protection, and thermal
shutdown protection.
◼ TYPICAL APPLICATION
HT7167
2.2uF
L
SW
PGND
AGND
1uF
VIN
220 F
u
BOOT
VIN
FSW
VCC
EN
ON
OFF
MODE
SS
COMP
ILIM
FB
VOUT
DIS
Optional
VOUT
47nF
0.1uF
RFREQ
10uF
10uF
470uF
1uF
10uF22uF
10uF
10uF
RDN
RUP
CC
RC
RILIM
CSS
CBOOT
CVCC
CGATE
RGATE
CP
VOUT: 4.5-13V
VIN: 2.7-13V
0.1uF
10uF
100R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com