Electronic Components Datasheet Search
  English  ▼

X  

HT7167 Datasheet(PDF) 1 Page - Shenzhenshi YONGFUKANG Technology co.,LTD

Part # HT7167
Description  13V, 10A fully integrated synchronous boost converter with output shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YONGFUKANG [Shenzhenshi YONGFUKANG Technology co.,LTD]
Direct Link  http://www.szczkjgs.com/
Logo YONGFUKANG - Shenzhenshi YONGFUKANG Technology co.,LTD

HT7167 Datasheet(HTML) 1 Page - Shenzhenshi YONGFUKANG Technology co.,LTD

  HT7167 Datasheet HTML 1Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT7167 Datasheet HTML 2Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT7167 Datasheet HTML 3Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT7167 Datasheet HTML 4Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT7167 Datasheet HTML 5Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT7167 Datasheet HTML 6Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT7167 Datasheet HTML 7Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT7167 Datasheet HTML 8Page - Shenzhenshi YONGFUKANG Technology co.,LTD HT7167 Datasheet HTML 9Page - Shenzhenshi YONGFUKANG Technology co.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
HT7167
同步升压转换器
带输出关断的13V,10A全集成同步升压转换器
◼ 特点
・输入电压范围VIN:2.7V-13V
・输出电压范围V
OUT:4.5V-13V
・可编程峰值电流:10A
・高转换效率:
93% (VIN = 7.4V, VOUT=12V, IOUT =3A)
92% (VIN = 3.6V, VOUT=9V, IOUT =1A)
・轻载条件下两种调制方式:脉频调制(PFM)和
强制脉宽调试(
PWM)
・集成输出关断的栅极驱动
・低关断功耗,关断电流1uA
・可调节的开关频率:200k-1.4M
・可编程软启动
・输出过压 (14V)、逐周期过流、热关断等保护
・DFN20L,4.5mm*3.5mm 无铅超薄封装
◼ 应用
・无线音箱
・便携式音箱
・快充移动电源
・电子烟
・USB TYPE-C 电源传输
・拉杆音箱
・平板电脑,笔记本电脑
・POS机终端
◼ 概述
HT7167是一款高功率、全集成升压转换器,带有
负载关断功能的栅极驱动,集成
16mΩ功率开关管和
23mΩ同步整流管,为便携式系统提供高效的小尺寸
解决方案。
HT7167具有2.7V至13V宽输入电压范围,可为采
用单节或两节锂电池的应用提供支持。该器件具备
10A开关电流能力,并且能够提供13V的输出电压。
HT7167采用自适应恒定关断时间峰值电流控制
拓扑结构来调节输出电压。在中等到重负载条件下,
HT7167工作在PWM 模式。在轻负载条件下,该器件
可通过MODE引脚选择下列两种工作模式之一。一种
是可提高效率的PFM模式;另一种是可避免因开关频
率较低而引发应用问题的强制PWM模式。PWM模式
下,HT7167的开关频率可通过外部电阻调节,支持
200kHz至1.4MHz的范围。
HT7167还支持可编程的软启动,以及可调节的
开关峰值电流限制。另外,HT7167集成了输出关断功
能的栅极驱动,在SD状态,可完全断开输入电源。
此外,该器件还提供有14V输出过压保护、逐周
期过流保护和热关断保护。
◼ 典型应用图
HT7167
2.2uF
L
SW
PGND
AGND
1uF
VIN
220 F
u
BOOT
VIN
FSW
VCC
EN
ON
OFF
MODE
SS
COMP
ILIM
FB
VOUT
DIS
Optional
VOUT
47nF
0.1uF
RFREQ
10uF
10uF
470uF
1uF
10uF22uF
10uF
10uF
RDN
RUP
CC
RC
RILIM
CSS
CBOOT
CVCC
CGATE
RGATE
CP
VOUT: 4.5-13V
VIN: 2.7-13V
0.1uF
10uF
100R
TEL:0755-82863877 13242913995 E-MAIL:panxia168@126.com http://www.szczkjgs.com


Similar Part No. - HT7167

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
HT71678 YONGFUKANG-HT71678 Datasheet
622Kb / 5P
13V, 10A Adaptive Class H Synchronous Boost Converter with Audio Detection and Output Shutdown
HT71678DNER YONGFUKANG-HT71678DNER Datasheet
622Kb / 5P
13V, 10A Adaptive Class H Synchronous Boost Converter with Audio Detection and Output Shutdown
More results

Similar Description - HT7167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61088 TI-TPS61088_15 Datasheet
1Mb / 30P
TPS61088 10-A Fully-Integrated Synchronous Boost Converter
TPS61088 TI1-TPS61088_16 Datasheet
1Mb / 32P
TPS61088 10-A Fully-Integrated Synchronous Boost Converter
logo
Monolithic Power System...
MP3429 MPS-MP3429 Datasheet
1Mb / 22P
16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
10-A Fully-Integrated Synchronous Boost Converter
logo
Shenzhenshi YONGFUKANG ...
HT71678 YONGFUKANG-HT71678 Datasheet
622Kb / 5P
13V, 10A Adaptive Class H Synchronous Boost Converter with Audio Detection and Output Shutdown
logo
Shenzhen Huazhimei Semi...
HM5167 HMSEMI-HM5167 Datasheet
1Mb / 18P
13V, 10A fully integrated synchronous boost converter
HM5167B HMSEMI-HM5167B Datasheet
1Mb / 10P
10A synchronous rectification boost converter
HM5168 HMSEMI-HM5168 Datasheet
1Mb / 19P
20V, 14A fully integrated synchronous boost converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com