Electronic Components Datasheet Search
  English  ▼

X  

LW025F Datasheet(PDF) 7 Page - Tyco Electronics

Part # LW025F
Description  LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LW025F Datasheet(HTML) 7 Page - Tyco Electronics

Back Button LW025F Datasheet HTML 3Page - Tyco Electronics LW025F Datasheet HTML 4Page - Tyco Electronics LW025F Datasheet HTML 5Page - Tyco Electronics LW025F Datasheet HTML 6Page - Tyco Electronics LW025F Datasheet HTML 7Page - Tyco Electronics LW025F Datasheet HTML 8Page - Tyco Electronics LW025F Datasheet HTML 9Page - Tyco Electronics LW025F Datasheet HTML 10Page - Tyco Electronics LW025F Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Tyco Electronics Corp.
7
Advance Data Sheet
March 1999
36 Vdc to 75 Vdc Inputs; 25 W
LW025 Single-Output-Series Power Modules:
Characteristics Curves (continued)
8-1263(C).e
Figure 9. LW025A, F Typical Output Voltage Start-
Up when Signal Is Applied to Remote
On/Off
TIME, t (1 ms/div)
0
5V
0
Test Configurations
8-203(C)
Note: Input reflected-ripple current is measured with a simulated
source impedance of 12 µH. Capacitor Cs offsets possible
battery impedance. Current is measured at the input of the
module.
Figure 10. Input Reflected-Ripple Test Setup
8-513(C)
Note: Use a 0.1 µF ceramic capacitor. Scope measurement should
be made using a BNC socket. Position the load between
50 mm and 75 mm (2 in. and 3 in.) from the module.
Figure 11. Peak-to-Peak Output Noise
Measurement Test Setup
8-204(C)
Note: All measurements are taken at the module terminals. When
socketing, place Kelvin connections at module terminals to
avoid measurement errors due to socket contact resistance.
Figure 12. Output Voltage and Efficiency
Measurement Test Setup
TO OSCILLOSCOPE
12 µH
CS 220 µF
IMPEDANCE < 0.1
Ω
@ 20 ˚C, 100 kHz
VI(+)
VI(-)
BATTERY
33 µF
CURRENT
PROBE
LTEST
VO(+)
VO(-)
0.1 µF
RESISTIVE
LOAD
SCOPE
COPPER STRIP
VI(+)
VI(-)
VO(+)
VO(-)
II
IO
SUPPLY
CONTACT RESISTANCE
CONTACT AND
DISTRIBUTION LOSSES
LOAD
η
VO(+)
VO(–)
–
[]IO
VI(+)
VI(–)
–
[]II
------------------------------------------------

 100
×
=
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com