Electronic Components Datasheet Search
  English  ▼

X  

LW025F Datasheet(PDF) 13 Page - Tyco Electronics

Part # LW025F
Description  LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LW025F Datasheet(HTML) 13 Page - Tyco Electronics

Back Button LW025F Datasheet HTML 8Page - Tyco Electronics LW025F Datasheet HTML 9Page - Tyco Electronics LW025F Datasheet HTML 10Page - Tyco Electronics LW025F Datasheet HTML 11Page - Tyco Electronics LW025F Datasheet HTML 12Page - Tyco Electronics LW025F Datasheet HTML 13Page - Tyco Electronics LW025F Datasheet HTML 14Page - Tyco Electronics LW025F Datasheet HTML 15Page - Tyco Electronics LW025F Datasheet HTML 16Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Tyco Electronics Corp.
13
Advance Data Sheet
March 1999
36 Vdc to 75 Vdc Inputs; 25 W
LW025 Single-Output-Series Power Modules:
Outline Diagram
Dimensions are in millimeters and (inches).
Tolerances: x.x ± 0.5 mm (0.02 in.), x.xx ± 0.25 mm (0.010 in.). Pin-to-pin tolerances are not cumulative.
Note: For standard modules, VI(+) is internally connected to the case.
8-1198(C).f
Top View
Pin
Function
1Remote
On/Off
2
No Connec-
tion (sync fea-
ture optional)
3VI(–)
4VI(+)
5
Case Pin
(pin optional)
6Trim
7
– Output
8
+ Output
Side View
Bottom View
50.8
(2.00)
50.8 (2.00)
CASE PIN
(OPTIONAL)
TRIM
-
ON/OFF
NC
-
IN
+
LW025A871
DC-DC CONVERTER
+
MADE IN USA
OUT
IN:DC 36-75V, 1.20A
OUT:DC 5.0V, 5.0A
9.91 ± 0.38
(0.390 ± 0.015)
0.38 ± 0.13
(0.015 ± 0.005)
STANDOFFS
1.78 x 0.51 THICK
(0.070 x 0.020),
4 PLACES
4.70 (0.185)
MIN
1.02 (0.040) DIA
SOLDER-PLATED
BRASS, ALL PINS
20.3 (0.80)
2.5
(0.10)
4
22.9
(0.90)
5.08 (0.200)
5.08 (0.200)
5.08
(0.200)
2.5 (0.10)
REF
10.16 (0.400)
10.16 (0.400)
1
2
3
6
7
8
45.72 ± 0.38
(1.800 ± 0.015)
5
5.08
(0.200)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com