Electronic Components Datasheet Search
  English  ▼

X  

LW025F Datasheet(PDF) 4 Page - Tyco Electronics

Part # LW025F
Description  LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LW025F Datasheet(HTML) 4 Page - Tyco Electronics

  LW025F Datasheet HTML 1Page - Tyco Electronics LW025F Datasheet HTML 2Page - Tyco Electronics LW025F Datasheet HTML 3Page - Tyco Electronics LW025F Datasheet HTML 4Page - Tyco Electronics LW025F Datasheet HTML 5Page - Tyco Electronics LW025F Datasheet HTML 6Page - Tyco Electronics LW025F Datasheet HTML 7Page - Tyco Electronics LW025F Datasheet HTML 8Page - Tyco Electronics LW025F Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Tyco Electronics Corp.
Advance Data Sheet
March 1999
36 Vdc to 75 Vdc Inputs; 25 W
LW025 Single-Output-Series Power Modules:
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions and Design Considerations for further information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface:
(VI = 0 V to VI, max; open collector or equivalent
compatible; signal referenced to VI(–) terminal. See
Figure 13 and Feature Descriptions.):
Negative Logic: Device Code Suffix “1”:
Logic Low—Module On
Logic High—Module Off
Positive Logic: If Device Code Suffix “1” Is Not
Specified:
Logic Low—Module Off
Logic High—Module On
Module Specifications:
On/Off Current:
Logic Low
On/Off Voltage:
Logic Low
Logic High (Ion/off = 0)
Open Collector Switch Specifications:
Leakage Current During Logic High
(Von/off = 10 V)
Output Low Voltage During Logic Low
(Ion/off = 1 mA)
All
All
All
All
All
Ion/off
Von/off
Von/off
Ion/off
Von/off
—
–0.7
—
—
—
—
—
—
—
—
1.0
1.2
10
50
1.2
mA
V
V
µA
V
Turn-on Delay and Rise Times
(at 80% of IO, max; TA = 25 °C):
Case 1: On/Off Input Is Set for Unit On and Then
Input Power Is Applied (delay from point at which
VI = 48 V until VO = 10% of VO, nom).
Case 2: 48 V Input Is Applied for at Least One
Second, and Then the On/Off Input Is Set to Turn
the Module On (delay from point at which on/off
input is toggled until VO = 10% of VO, nom).
Output Voltage Rise Time (time for VO to rise from
10% of VO, nom to 90% of VO, nom)
Output Voltage Overshoot (at 80% of IO, max;
TA = 25 °C)
All
All
All
All
Tdelay
Tdelay
Trise
—
—
—
—
—
27
2
1.5
—
50
10
3.0
5
ms
ms
ms
%
Output Voltage Set-point Adjustment Range
All
—
90
—
110
%VO, nom
Output Overvoltage Protection (clamp)
LW025F
LW025A
VO, clamp
VO, clamp
3.9
5.6
—
—
5.0
7.0
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com