Electronic Components Datasheet Search
  English  ▼

X  

GPCE4XXXX Datasheet(PDF) 33 Page - Generalplus Technology Inc.

Part # GPCE4XXXX
Description  16-bit Sound Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE4XXXX Datasheet(HTML) 33 Page - Generalplus Technology Inc.

Back Button GPCE4XXXX Datasheet HTML 29Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 30Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 31Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 32Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 33Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 34Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 35Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 36Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 37Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
GPCE4XXXX
© Generalplus Technology Inc.
Proprietary & Confidential
33
Jun. 26, 2017
Version: 1.1
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ.
Max.
Standby Current
ISTB
-
-
10
A
Disable 32KHz crystal
15
A
Enable 32KHz,Disable PLL(FOSC)
Input High Level
VIH
0.7VDD_IO
-
VDD_IO
V
-
Input Low Level
VIL
-
-
0.3VDD_IO
V
-
Output High Current
(IOA[9:0], IOB, IOC)
IOH
4
8
12
mA
VOH = 0.7VDD_IO
Output High Current
(IOA[15:10])
IOH
8
15
22
mA
VOH = 0.7VDD_IO
Output Low Current
(IOA[9:4], IOB, IOC)
IOL
7
14
21
mA
VOL = 0.3VDD_IO
Output Low Current
(IOA[3:0])
IOL
13
26
39
mA
VOL = 0.3VDD_IO
Output Low Current
(IOA[15:10])
IOL
4
7
10
mA
VOL = 0.3VDD_IO, high drive disable
Output Low Current
(IOA[15:10])
IOL
7
14
21
mA
VOL = 0.3VDD_IO, high drive enable
Input Pull-Low Resister
(IOA, IOB, IOC)
RPL
80
120
160
K
VIN = VDD_IO
Input Pull-High Resister
(IOA, IOB, IOC)
RPH
80
120
160
K
VIN = VSS_IO
Internal
ROSC
frequency
deviation
⊿F/F
-3%
32768
+3%
HZ
V33_REG = 3.3V
Internal 6M ROSC frequency
deviation
⊿F/F
-3%
6000000
+3%
HZ
V33_REG = 3.3V
8.4 ADC Characteristics (V33_ADC = 3.3V, TA = 25℃)
Characteristics
Symbol
Limit
Unit
Min.
Typ.
Max.
ADC LINE_IN Input Voltage Range from
IOB[7:0]
VINL (Note 1)
VSS-0.3
-
V33_ADC+0.3
V
ADC Microphone Input Voltage Range
VINM
VSS-0.3
-
V33_ADC+0.3
V
Resolution of ADC
RESO
-
-
12
bits
Signal-to-Noise Plus Distortion of ADC from
Line in
SINAD (Note 3)
-
50
-
dB
Effective Number of Bit
ENOB (Note 4)
7.0
8.0
-
bits
Integral Non-Linearity of ADC
INL
-
±5.0
-
LSB (Note 2)
Differential Non-Linearity of ADC
DNL (Note 6)
-
±1.0
-
LSB
AD Conversion Rate
FCONV
-
-
FCPU/256
Hz
Microphone Amplifier Gain
A MIC
-
-
42(Note 5)
dB
Note1: Internal protection diodes clamp the analog input to V33_ADC and VSS.
These diodes allow the analog input to swing from (VSS-0.3V) to
(V33_ADC+0.3V) without causing damage to the devices.
Note2: LSB means Least Significant Bit.
With VINL = 2.6V, 1LSB = 2.6V/2^12 = 0.635mV.
Note3: The SINAD testing condition at VINLp-p = 0.8*V33_ADC, FCONV = Fcpu/512 = 49MHz/256 = 192KHz, Fin=1.0KHz Sine waves at V33_ADC = 3.0V
from the IOB [7:0] input.
Note4: ENOB = (SINAD-1.76)/6.02.
Note5: The microphone amplifier maximum gain = 15 * (60K/(1.5K+REXT) V/V.
The REXT is external resistor between OPI and MICOUT.
The gain is
132V/V (=42dB) when REXT is 5.1K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com