Electronic Components Datasheet Search
  English  ▼

X  

GPCE4XXXX Datasheet(PDF) 5 Page - Generalplus Technology Inc.

Part # GPCE4XXXX
Description  16-bit Sound Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE4XXXX Datasheet(HTML) 5 Page - Generalplus Technology Inc.

  GPCE4XXXX Datasheet HTML 1Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 2Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 3Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 4Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 5Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 6Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 7Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 8Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
GPCE4XXXX
© Generalplus Technology Inc.
Proprietary & Confidential
5
Jun. 26, 2017
Version: 1.1
4 BLOCK DIAGRAM
un'SP
16-bits CPU
AD Converter
MIC
16-bits Counter/Timer
/ Interrupt
General I/O Port
4K(word) Working
SRAM
PLL / System clock /
Reset Function
Memory Mapping & Control
X32I
X32O
IOA[15:0]
IOB[15:0]
MICIP
MICIN
RESETB
OTP/ROM
/ GPIO Special Function
TimeBase/WatchDog
/ PWMIO output
SPI flash controller
MICO
OPI
AGC
VMIC
VADREF
Push Pull DAC
AUDP
Regulator
AUDN
ACIN
IOC[15:0]
Touch sensing
2K(word) Cache
SRAM
SPI2
USB Device
Controller
(by body)
USB_DN (by body)
USB_DP (by body)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com