Electronic Components Datasheet Search
  English  ▼

X  

PCF8813U Datasheet(PDF) 55 Page - NXP Semiconductors

Part # PCF8813U
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813U Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button PCF8813U Datasheet HTML 51Page - NXP Semiconductors PCF8813U Datasheet HTML 52Page - NXP Semiconductors PCF8813U Datasheet HTML 53Page - NXP Semiconductors PCF8813U Datasheet HTML 54Page - NXP Semiconductors PCF8813U Datasheet HTML 55Page - NXP Semiconductors PCF8813U Datasheet HTML 56Page - NXP Semiconductors PCF8813U Datasheet HTML 57Page - NXP Semiconductors PCF8813U Datasheet HTML 58Page - NXP Semiconductors PCF8813U Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
2004 Mar 05
55
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
17.8
Programming specification
Table 24 Programming parameters
Notes
1. The voltage drop across the ITO track and zebra connector must be taken into account to guarantee sufficient
voltage at the chip pads.
2. The high voltage generator must be disabled (VPR = 0 and PRS = 0) when pad VLCDIN is being driven.
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
VDD1
logic supply voltage
2.4
−
3.3
V
VOTPPROG voltage applied to pad VOTPPROG
VOTPPROG relative to VSS1; note 1
programming active
11.0
11.5
12.0
V
programming inactive
0
−
VDD1
V
VLCDIN
voltage applied to pad VLCDIN
VLCDIN relative to VSS1; notes 1, 2
programming active
9.0
9.50
10.5
V
programming inactive
0
−
VDD2
V
IOTPPROG
current drawn during programming
−
100
200
µA
ILCDIN
current drawn during programming
when programming one bit to logic 1
−
850
1000
µA
Tprog
ambient temperature during
programming
025
40
°C
tsu(INTCLK) internal data set-up time after last
clock
1
−−µs
thd(INTCLK) internal data hold time before next
clock
1
−−µs
tsu(gate)
VOTPPROG set-up time prior to
programming
1
−
10
ms
thd(gate)
VOTPPROG hold time after
programming
1
−
10
ms
tPW
programming voltage pulse width
100
120
200
ms
handbook, full pagewidth
INT_CLK
tsu(INTCLK)
tsu(gate)
thd(gate)
thd(INTCLK)
tPW
MGU646
VVOTPPROG
VLCDIN
Fig.50 Programming waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com