Electronic Components Datasheet Search
  English  ▼

X  

PCF8813U Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF8813U
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813U Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF8813U Datasheet HTML 16Page - NXP Semiconductors PCF8813U Datasheet HTML 17Page - NXP Semiconductors PCF8813U Datasheet HTML 18Page - NXP Semiconductors PCF8813U Datasheet HTML 19Page - NXP Semiconductors PCF8813U Datasheet HTML 20Page - NXP Semiconductors PCF8813U Datasheet HTML 21Page - NXP Semiconductors PCF8813U Datasheet HTML 22Page - NXP Semiconductors PCF8813U Datasheet HTML 23Page - NXP Semiconductors PCF8813U Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
2004 Mar 05
20
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
9.2
Serial interface (3-line)
handbook, full pagewidth
MGW713
transmission byte
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
transmission byte (1)
D/C
transmission byte
D/C
D/C
transmission byte
D/C
Fig.20 Serial data stream, write mode.
(1) A transmission byte may be a command byte or a data byte.
The serial interface is also a 3-line bidirectional interface
for communication between the microcontroller and the
LCD driver chip. The three lines are: SCE (chip enable),
SCLK (serial clock) and SDATA (serial data). The
PCF8813 is connected to the SDA of the microcontroller
by the SDATA (data input) and SDOUT (data output) pads
which are connected together.
9.2.1
WRITE MODE
In the write mode of the interface, the microcontroller
writes commands and data to the PCF8813. Each data
packet contains a control bit D/C and a transmission byte.
If D/C is LOW, the following byte is interpreted as a
command byte. If D/C is HIGH, the following byte is stored
in the display data RAM. The address counter is
incremented automatically after every data byte. Figure 20
shows the general format of the write mode and the
definition of the transmission byte.
Any instruction can be sent in any order to the PCF8813.
The MSB of a byte is transmitted first. The serial interface
is initialized when SCE is HIGH. In this state, SCLK clock
pulses have no effect and no power is consumed by the
serial interface. A falling edge on SCE enables the serial
interface and indicates the start of data transmission.
Figures 21, 22 and 23 show the protocol of the write
mode:
• When SCE is HIGH, SCLK clocks are ignored; the serial
interface is initialized during the HIGH time of SCE (see
Fig.21)
• At the falling SCE edge SCLK must be LOW (see
Fig.41)
• SDATA is sampled at the rising edge of SCLK
• D/C indicates whether the byte is a command (D/C=0)
or RAM data (D/C = 1); it is sampled with the first rising
SCLK edge
• If SCE stays LOW after the last bit of a command/data
byte, the serial interface is ready for the D/C-bit of the
next byte at the next rising edge of SCLK (see Fig.22).
• A reset pulse with RES interrupts the transmission and
the data being written into the RAM may be corrupted.
The registers are cleared. If SCE is LOW after the rising
edge of RES, the serial interface is ready to receive the
D/C-bit of a command/data byte (see Fig.23).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com