Electronic Components Datasheet Search
  English  ▼

X  

PCF8813U Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF8813U
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813U Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF8813U Datasheet HTML 24Page - NXP Semiconductors PCF8813U Datasheet HTML 25Page - NXP Semiconductors PCF8813U Datasheet HTML 26Page - NXP Semiconductors PCF8813U Datasheet HTML 27Page - NXP Semiconductors PCF8813U Datasheet HTML 28Page - NXP Semiconductors PCF8813U Datasheet HTML 29Page - NXP Semiconductors PCF8813U Datasheet HTML 30Page - NXP Semiconductors PCF8813U Datasheet HTML 31Page - NXP Semiconductors PCF8813U Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
2004 Mar 05
28
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
11 INSTRUCTIONS
The PCF8813 interfaces via the 8-bit parallel interface, two
different 3-line serial interfaces, 4-wire serial interface or
an I2C-bus interface. Processing of the instructions does
not require the display clock.
In the case of the parallel and 4-wire serial interface, data
accesses to the PCF8813 can be divided into two areas;
those that define the operating mode of the device, and
those that fill the display RAM; the distinction being the
D/C input. When the D/C input is set to logic 0, the chip will
respond to instructions as defined in Table 5. When the
D/C bit is at logic 1, the chip will send data into the RAM.
When the 3-wire serial interface or the I2C-bus interface is
used, the distinction between instructions that define the
operating mode of the device and those that fill the display
RAM is made respectively by the display data length
instruction (4-line SPI) or by D/C bit in the data stream
(3-line serial interface and I2C-bus interface).
There are four types of instructions:
• Defining PCF8813 functions such as display
configuration, etc.
• Setting internal RAM addresses
• Performing data transfer with internal RAM
• Other instructions.
In normal use, category 3 instructions are used most
frequently. To lessen the MPU program load, automatic
incrementing by one of the internal RAM address pointers
after each data write is implemented.
Table 5
Instruction set
Instructions not expressly defined in this table and reserved instructions are not allowed in PCF8813 applications.
INSTRUCTION
D/CR/W
COMMAND BYTE
DESCRIPTION
DB7
(MSB)
DB6
DB5
DB4
DB3
DB2
DB1
DB0
(LSB)
H=0or1
NOP
0
0
0
000000
0
no operation
Function set
0
0
0
0
1
MX
MY
PD
V
H
Power-down
control; entry
mode
Read status byte
0
1
0
00110
δ(1)
δ(1)
read status byte
for serial and
I2C-bus interfaces
Read status byte
0
1
BUSY
DON
RES
MF2
MF1
MF0
DS1
DS0
reads parallel
interface status
byte
Write data
1
0
D7
D6
D5
D4
D3
D2
D1
D0
writes data to
RAM
H=0
Reserved
0
0
0
00001
X
X
do not use
Display control
0
0
0
0
0
0
1
D
0
E
sets display
configuration
Set lower/higher
program range
0
0
0
001000
PRS
VLCD programming
range
Set power control
HVgen on/off
0
0
0
001001
PC
switch HVgen
on/off
Display configuration
0
0
0
001011
δ(1)
double command
byte: set data
order; top/bottom
row swap mode
0
0
0
0000
D0
0
BRS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com