Electronic Components Datasheet Search
  English  ▼

X  

WNM2020 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # WNM2020
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

WNM2020 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  WNM2020 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd WNM2020 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd WNM2020 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd WNM2020 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
N-Channel MOSFET
WNM2020
■
Features
●
VDS (V) = 20V
●
ID = 0.83 A
●
RDS(ON) < 310mΩ (VGS = 4.5V)
●
RDS(ON) < 360mΩ (VGS = 2.5V)
●
RDS(ON) < 460mΩ (VGS = 1.8V)
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
1. Gate
2. Source
3. Drain
■
Absolute Maximum Ratings Ta = 25℃
Symbol
10 S
Steady State
Unit
VDS
VGS
Ta=25℃
0.9
0.83
Ta=70℃
0.72
0.66
Ta=25℃
0.38
0.32
Ta=70℃
0.24
0.2
Ta=25℃
0.79
0.71
Ta=70℃
0.63
0.57
Ta=25℃
0.29
0.24
Ta=70℃
0.19
0.15
IDM
A
325
385
420
520
RthJC
-
300
TJ
Tstg
-55 to 150
Pulsed Drain Current
(Note.3)
1.4
Thermal Resistance.Junction- to-Ambient
RthJA
ID
Power Dissipation
(Note.2)
PD
A
W
V
A
Parameter
Continuous Drain Current
(Note.1)
ID
Drain-Source Voltage
Gate-Source Voltage
20
±
6
Junction Temperature
Storage Temperature Range
PD
W
Power Dissipation
(Note.1)
℃
/W
℃
Thermal Resistance.Junction- to-Case
Continuous Drain Current
(Note.2)
150
(Note.1)
(Note.2)
Note.1:Surface mounted on FR4 Board using 1 square inch pad size, 1oz copper
Note.2:Surface mounted on FR4 board using minimum pad size, 1oz copper
Note.3:Repetitive rating, pulse width limited by junction temperature, tp=10μs, Duty Cycle=1%
S
D
1
2
3
G


Similar Part No. - WNM2020

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WNM2020 WILLSEMI-WNM2020 Datasheet
447Kb / 6P
N-Channel, 20V, 0.90A, Small Signal MOSFET
WNM2020-3/TR WILLSEMI-WNM2020-3/TR Datasheet
447Kb / 6P
N-Channel, 20V, 0.90A, Small Signal MOSFET
logo
VBsemi Electronics Co.,...
WNM2020-3/TR VBSEMI-WNM2020-3/TR Datasheet
1Mb / 9P
N-Channel 20 V (D-S) MOSFET
WNM2020-3TR VBSEMI-WNM2020-3TR Datasheet
1Mb / 9P
N-Channel 20 V (D-S) MOSFET
More results

Similar Description - WNM2020

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com