Electronic Components Datasheet Search
  English  ▼

X  

WNM2020 Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # WNM2020
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

WNM2020 Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  WNM2020 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd WNM2020 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd WNM2020 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd WNM2020 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
N-Channel MOSFET
WNM2020
■
Typical Characterisitics
Capacitance
Body diode forward voltage
Safe operating power
Transient thermal response (Junction-to-Ambient)
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
0.2
0.4
0.6
0.8
T=25
oC
T=150oC
V
SD-Source-to-Drain Voltage(V)
0
2
4
6
8
10
0
10
20
30
40
50
60
V
GS=0V
F=100kHz
Ciss
Coss
Crss
V
DS Drain-to-Source Voltage (V)
VDS - Drain-to-Source Voltage (V)
10
0.1
0.1
1
10
100
0.001
1
0.01
TA = 25 °C
Single Pulse
10 ms
100 ms
DC
1 s
10 s
Limitedby RDS(on)
10-3
10-2
0
0
6
0
1
1
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 320 °C/W
3. TJM - TA = PDM ZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
P DM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com