Electronic Components Datasheet Search
  English  ▼

X  

WNM2020 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # WNM2020
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

WNM2020 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  WNM2020 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd WNM2020 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd WNM2020 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd WNM2020 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
N-Channel MOSFET
WNM2020
■
Typical Characterisitics
0.0
0.4
0.8
1.2
1.6
2.0
0
1
2
3
4
VGS= 2.5V ~5.0V
Output characteristics
On-Resistance vs. Drain current
On-Resistance vs. Junction temperature
0.0
0.4
0.8
1.2
1.6
2.0
0.0
0.4
0.8
1.2
1.6
2.0
T=-50
oC
Transfer characteristics
On-Resistance vs. Gate-to-Source voltage
Threshold voltage vs. Temperature
VGS=2.0V
VGS=1.5V
VDS-Drain-to-Source Voltage(V)
T=25
oC
T=125
oC
VGS-Gate-to-Source Voltage(V)
V
DS=5V
0.4
0.8
1.2
1.6
2.0
100
150
200
250
300
350
400
V
GS=4.5V
V
GS=1.8V
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
400
800
1200
1600
VGS-Gate-to-Source Voltage(V)
V
GS=2.5V
IDS-Drain-to-Source Current(A)
-50 -25
0
25
50
75 100 125 150
120
160
200
240
280
320
VGS=4.5V, ID=0.55A
-50 -25
0
25
50
75 100 125 150
0.2
0.3
0.4
0.5
0.6
0.7
0.8
I
D=250uA
Temperature (
oC)
Temperature(
oC)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com