Electronic Components Datasheet Search
  English  ▼

X  

LTC1603 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1603
Description  High Speed, 16-Bit, 250ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1603 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1603 Datasheet HTML 10Page - Linear Technology LTC1603 Datasheet HTML 11Page - Linear Technology LTC1603 Datasheet HTML 12Page - Linear Technology LTC1603 Datasheet HTML 13Page - Linear Technology LTC1603 Datasheet HTML 14Page - Linear Technology LTC1603 Datasheet HTML 15Page - Linear Technology LTC1603 Datasheet HTML 16Page - Linear Technology LTC1603 Datasheet HTML 17Page - Linear Technology LTC1603 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC1603
1603f
APPLICATIONS INFORMATION
LTC1603
AIN
+
ANALOG INPUT
2V TO 2.7V
DIFFERENTIAL
AIN
–
VREF
REFCOMP
AGND
1603 F13
1
2
3
4
5
47
µF
LTC1450
2V TO 2.7V
Figure 14a. CMRR vs Input Frequency
INPUT FREQUENCY (Hz)
1k
80
70
60
50
40
30
20
10
0
10k
100k
1603 G14a
1M
Figure 13. Driving VREF with a DAC
can not exceed the AVDD or VSS power supply voltages.
Integral nonlinearity errors (INL) and differential nonlin-
earity errors (DNL) are independent of the common mode
voltage, however, the bipolar zero error (BZE) will vary.
The change in BZE is typically less than 0.1% of the
common mode voltage. Dynamic performance is also
affected by the common mode voltage. THD will degrade
as the inputs approach either power supply rail, from 96dB
with a common mode of 0V to 86dB with a common mode
of 2.5V or – 2.5V.
Differential inputs allow greater flexibility for accepting
different input ranges. Figure 14b shows a circuit that
converts a 0V to 5V analog input signal with only an
additional buffer that is not in the signal path.
LTC1603
AIN
+
AIN
–
VREF
0V TO
5V
±2.5V
REFCOMP
AGND
1603 F14b
1
2
3
4
5
10
µF
ANALOG INPUT
–
+
Figure 14b. Selectable 0V to 5V or
±2.5V Input Range
Full-Scale and Offset Adjustment
Figure 15a shows the ideal input/output characteristics
for the LTC1603. The code transitions occur midway
between successive integer LSB values (i.e., – FS +
0.5LSB, – FS + 1.5LSB, – FS + 2.5LSB,... FS – 1.5LSB,
FS – 0.5LSB). The output is two’s complement binary with
1LSB = FS – (– FS)/65536 = 5V/65536 = 76.3
µV.
In applications where absolute accuracy is important,
offset and full-scale errors can be adjusted to zero. Offset
error must be adjusted before full-scale error. Figure 15b
shows the extra components required for full-scale error
adjustment. Zero offset is achieved by adjusting the offset
applied to the AIN– input. For zero offset error apply
1603 F15a
011...111
011...110
000...001
000...000
111...111
111...110
100...001
100...000
FS – 1LSB
– (FS – 1LSB)
INPUT VOLTAGE (AIN
+ – A
IN
–)
Figure 15a. LTC1603 Transfer Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com