Electronic Components Datasheet Search
  English  ▼

X  

LTC1603 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1603
Description  High Speed, 16-Bit, 250ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1603 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1603 Datasheet HTML 12Page - Linear Technology LTC1603 Datasheet HTML 13Page - Linear Technology LTC1603 Datasheet HTML 14Page - Linear Technology LTC1603 Datasheet HTML 15Page - Linear Technology LTC1603 Datasheet HTML 16Page - Linear Technology LTC1603 Datasheet HTML 17Page - Linear Technology LTC1603 Datasheet HTML 18Page - Linear Technology LTC1603 Datasheet HTML 19Page - Linear Technology LTC1603 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC1603
1603f
Intermodulation Distortion
If the ADC input signal consists of more than one spectral
component, the ADC transfer function nonlinearity can
produce intermodulation distortion (IMD) in addition to
THD. IMD is the change in one sinusoidal input caused by
the presence of another sinusoidal input at a different
frequency.
If two pure sine waves of frequencies fa and fb are applied
to the ADC input, nonlinearities in the ADC transfer func-
tion can create distortion products at the sum and differ-
ence frequencies of mfa
±nfb, where m and n = 0, 1, 2, 3,
APPLICATIONS INFORMATION
etc. For example, the 2nd order IMD terms include
(fa – fb). If the two input sine waves are equal in magni-
tude, the value (in decibels) of the 2nd order IMD products
can be expressed by the following formula:
IMD fa
fb
Log
Amplitude
±
()=
±
20
at (fa
fb)
Amplitude at fa
Peak Harmonic or Spurious Noise
The peak harmonic or spurious noise is the largest spec-
tral component excluding the input signal and DC. This
value is expressed in decibels relative to the RMS value of
a full-scale input signal.
Full-Power and Full-Linear Bandwidth
The full-power bandwidth is that input frequency at which
the amplitude of the reconstructed fundamental is
reduced by 3dB for a full-scale input signal.
The full-linear bandwidth is the input frequency at which
the S/(N + D) has dropped to 84dB (13.66 effective bits).
The LTC1603 has been designed to optimize input band-
width, allowing the ADC to undersample input signals with
frequencies above the converter’s Nyquist Frequency. The
noise floor stays very low at high frequencies; S/(N + D)
becomes dominated by distortion at frequencies far
beyond Nyquist.
Figure 21. Intermodulation Distortion Plot
FREQUENCY (kHz)
020
80
100
0
–20
–40
–60
–80
–100
–120
–140
1603 F21
40
60
120
fSAMPLE = 250kHz
fIN1 = 29.3kHz
fIN2 = 32.4kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com