Electronic Components Datasheet Search
  English  ▼

X  

LTC1603 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1603
Description  High Speed, 16-Bit, 250ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1603 Datasheet(HTML) 4 Page - Linear Technology

  LTC1603 Datasheet HTML 1Page - Linear Technology LTC1603 Datasheet HTML 2Page - Linear Technology LTC1603 Datasheet HTML 3Page - Linear Technology LTC1603 Datasheet HTML 4Page - Linear Technology LTC1603 Datasheet HTML 5Page - Linear Technology LTC1603 Datasheet HTML 6Page - Linear Technology LTC1603 Datasheet HTML 7Page - Linear Technology LTC1603 Datasheet HTML 8Page - Linear Technology LTC1603 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1603
1603f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Positive Supply Voltage
(Notes 12, 13)
4.75
5.25
V
VSS
Negative Supply Voltage
(Note 12)
– 4.75
– 5.25
V
IDD
Positive Supply Current
CS = RD = 0V
q
18
30
mA
Nap Mode
CS = 0V, SHDN = 0V
1.5
2.4
mA
Sleep Mode
CS = 5V, SHDN = 0V
1
100
µA
ISS
Negative Supply Current
CS = RD = 0V
q
26
40
mA
Nap Mode
CS = 0V, SHDN = 0V
1
100
µA
Sleep Mode
CS = 5V, SHDN = 0V
1
100
µA
PD
Power Dissipation
CS = RD = 0V
q
220
350
mW
Nap Mode
CS = 0V, SHDN = 0V
7.5
12
mW
Sleep Mode
CS = 5V, SHDN = 0V
0.01
1
mW
POWER REQUIRE E TS
TI I G CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSMPL(MAX)
Maximum Sampling Frequency
q
250
kHz
tCONV
Conversion Time
q
2.2
3.3
3.8
µs
tACQ
Acquisition Time
(Note 11)
q
480
ns
tACQ+CONV
Throughput Time (Acquisition + Conversion)
q
4
µs
t1
CS to RD Setup Time
(Notes 11, 12)
q
0ns
t2
CS
↓ to CONVST↓ Setup Time
(Notes 11, 12)
q
10
ns
t3
SHDN
↓ to CS↑ Setup Time
(Notes 11, 12)
q
10
ns
t4
SHDN
↑ to CONVST↓ Wake-Up Time
CS = Low (Note 12)
400
ns
t5
CONVST Low Time
(Note 12)
q
40
ns
t6
CONVST to BUSY Delay
CL = 25pF
36
ns
q
80
ns
t7
Data Ready Before BUSY
↑
60
ns
q
32
ns
t8
Delay Between Conversions
(Note 12)
q
200
ns
t9
Wait Time RD
↓ After BUSY↑
(Note 12)
q
–5
ns
t10
Data Access Time After RD
↓
CL = 25pF
40
50
ns
q
60
ns
CL = 100pF
45
60
ns
q
75
ns
t11
Bus Relinquish Time
50
60
ns
LTC1603C
q
70
ns
LTC1603I
q
75
ns
t12
RD Low Time
(Note 12)
q
t10
ns
t13
CONVST High Time
(Note 12)
q
40
ns
t14
Aperture Delay of Sample-and-Hold
2
ns
The q denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
The q denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com