Electronic Components Datasheet Search
  English  ▼

X  

TPF131 Datasheet(PDF) 2 Page - 3PEAK INC.

Part # TPF131
Description  36M HD Composite Video Filter Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF131 Datasheet(HTML) 2 Page - 3PEAK INC.

  TPF131 Datasheet HTML 1Page - 3PEAK INC. TPF131 Datasheet HTML 2Page - 3PEAK INC. TPF131 Datasheet HTML 3Page - 3PEAK INC. TPF131 Datasheet HTML 4Page - 3PEAK INC. TPF131 Datasheet HTML 5Page - 3PEAK INC. TPF131 Datasheet HTML 6Page - 3PEAK INC. TPF131 Datasheet HTML 7Page - 3PEAK INC. TPF131 Datasheet HTML 8Page - 3PEAK INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TPF131
36M HD Composite Video Filter Driver
Rev. A
©2014 3PEAK INCORPORATED
~ 2 ~
www.3peakic.com
Function Block
Figure 2.
Order Information
Order Number
Operating
Temperature
Range
Package
Package
Options
Transport Media, Quantity
TPF131-TR
-40 to 85°C
6-Pin SOT23-6
MSL-3
Tape and Reel, 3000
Absolute Maximum Ratings*
Parameters
Value
Units
Power Supply, VDD to GND
6.0
V
VIN
Input Voltage
VDD + 0.3V to GND - 0.3V
IO
Output Current
65
mA
TJ
Maximum Junction Temperature
150
°C
TA
Operating Temperature Range
–45 to 85
°C
TSTG
Storage Temperature Range
–65 to 150
°C
TL
Lead Temperature (Soldering 10 sec)
300
°C
* Note: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime.
(1) This data was taken with the JEDEC low effective thermal conductivity test board.
(2) This data was taken with the JEDEC standard multilayer test boards.
ESD, Electrostatic Discharge Protection
Symbol
Parameter
Condition
Minimum
Level
Unit
HBM
Human Body Model ESD
MIL-STD-883H Method 3015.8
8
kV
CDM
Charged Device Model ESD JEDEC-EIA/JESD22-C101E
2
kV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com