Electronic Components Datasheet Search
  English  ▼

X  

TPF131 Datasheet(PDF) 5 Page - 3PEAK INC.

Part # TPF131
Description  36M HD Composite Video Filter Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF131 Datasheet(HTML) 5 Page - 3PEAK INC.

  TPF131 Datasheet HTML 1Page - 3PEAK INC. TPF131 Datasheet HTML 2Page - 3PEAK INC. TPF131 Datasheet HTML 3Page - 3PEAK INC. TPF131 Datasheet HTML 4Page - 3PEAK INC. TPF131 Datasheet HTML 5Page - 3PEAK INC. TPF131 Datasheet HTML 6Page - 3PEAK INC. TPF131 Datasheet HTML 7Page - 3PEAK INC. TPF131 Datasheet HTML 8Page - 3PEAK INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TPF131
36M HD Composite Video Filter Driver
Rev. A
www.3peakic.com
~ 5 ~
©2014 3PEAK INCORPORATED
Output Drive Capability and
Power Dissipation
With the high output drive capability of the TPF131, it
is possible to exceed the +125°C absolute maximum
junction temperature under certain load current
conditions. Therefore, it is important to calculate the
maximum junction temperature for an application to
determine if load conditions or package types need to
be modified to assure operation of the amplifier in a
safe operating area. The maximum power dissipation
allowed in a package is determined according to
Equation:
Where:
TJMAX = Maximum junction temperature
TAMAX = Maximum ambient temperature
ΘJA = Thermal resistance of the package
The maximum power dissipation actually produced by
an IC is the total quiescent supply current times the
total power supply voltage, plus the power in the IC
due to the load, or: for sourcing:
Where:
VS = Supply voltage
ISMAX = Maximum quiescent supply current
VOUT = Maximum output voltage of the application
RLOAD = Load resistance tied to ground
By setting the two PDMAX equations equal to each
other, we can solve the output current and RLOAD to
avoid the device overheat.
Power Supply Bypassing Printed
Circuit Board Layout
As with any modern operational amplifier, a good
printed circuit board layout is necessary for optimum
performance. Lead lengths should be as short as
possible. The power supply pin must be well bypassed
to reduce the risk of oscillation. For normal single
supply operation, a single 4.7μF tantalum capacitor in
parallel with a 0.1μF ceramic capacitor from VS+ to
GND will suffice.
 
VIDEO FILTER DRIVER SELECTION GUIDE
P/N
Product Description
Channel
-3dB Bandwidth
Package
TPF110
/TPF110L
Low power, enable function and
SAG correction, 1 channel 6
th order
9MHz
1-SD
9MHz
SC70-5
SOT23-6
TPF113
Low power 3 channel, 6th-order
9MHz SD video filter
3-SD
9MHz
SO-8
TPF114
Low power 4 channel, 6th-order
9MHz SD video filter
4-SD
9MHz
MSOP-10
TSSOP-14
TPF116
Low power 4 channel, 6th-order
9MHz SD video filter for CVBS,
SVIDEO
6-SD
9MHz
TSSOP-14
TPF123
3 channel 6th-order 13.5MHz,
960H/720H-CVBS video filter or
Y’Pb’Pr 480P/576P video filter
3-ED
13.5MHz
SO-8
TPF133
Low power 3 channel, 6th-order
36MHz HD video filter
3-HD
36MHz
SO-8
TPF134
Low power 3 channel, 6th-order
36MHz HD video filter and 1 channel
SD video filter
1-SD&
3-SD
9MHz
36MHz
MSOP-10
TSSOP-14
TPF136
Low power 3 channel, 6th-order
3-SD&
9MHz
TSSOP-20
=
JMAX
AMAX
MAX
JA
TT
PD
ss
=+
OUT
MAX
SMAX
OUT
L
V
PD
V
I
V
V
R

()



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com