Electronic Components Datasheet Search
  English  ▼

X  

TPF131 Datasheet(PDF) 3 Page - 3PEAK INC.

Part # TPF131
Description  36M HD Composite Video Filter Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF131 Datasheet(HTML) 3 Page - 3PEAK INC.

  TPF131 Datasheet HTML 1Page - 3PEAK INC. TPF131 Datasheet HTML 2Page - 3PEAK INC. TPF131 Datasheet HTML 3Page - 3PEAK INC. TPF131 Datasheet HTML 4Page - 3PEAK INC. TPF131 Datasheet HTML 5Page - 3PEAK INC. TPF131 Datasheet HTML 6Page - 3PEAK INC. TPF131 Datasheet HTML 7Page - 3PEAK INC. TPF131 Datasheet HTML 8Page - 3PEAK INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TPF131
36M HD Composite Video Filter Driver
Rev. A
www.3peakic.com
~ 3 ~
©2014 3PEAK INCORPORATED
Electrical Characteristics All test condition is VDD = 3.3V, TA = +25°C, RL = 150Ω to GND,
unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Electrical Specifications
VDD
Supply Voltage Range
3.0
5.5
V
IDD
Quiescent current
(IQ) (1)
VDD = 3.3V, VIN = 500mV, no load
6
8
mA
VDD = 5.0V, VIN = 500mV, no load
8.3
9.8
mA
ICLAMP-DOWN
Clamp Discharge Current
VIN=300mV, measure current
0.6
2.0
4.8
μA
ICLAMP-UP
Clamp Charge Current
VY = -0.2V
-1.5
-1.7
mA
VCLAMP
Input Voltage Clamp
IY = -100μA
-40
0
+40
mV
RIN
Input Impedance
0.5V < VY < 1V
0.5
3
MΩ
AV
Voltage Gain
VIN=0.5V,1V or 2V
RL=150Ω to GND
5.91
6.01
6.03
dB
VOLS
Output Level Shift Voltage
VIN = 0V, no load, input referred
54
80
124
mV
VOL
Output Voltage Low Swing
VIN = -0.3V, RL =75Ω
0.05
V
VOH
Output Voltage High Swing
VIN = 3V, RL =75Ω to GND (dual
load)
3.18
V
PSRR
Power Supply Rejection Ratio
ΔVDD = 3.3V to 3.6V
61
dB
ΔVDD = 5.0V to 5.5V, 50Hz
67
dB
ISC
Short-circuit current
VIN = 2V, 10Ω, output to GND
65
mA
VIN =0.1V, output short to VDD
65
mA
AC Electrical Specifications
f-1dB
-1dB
Bandwidth
HD Channel
RL=150Ω
27.3
31.0
34.7
MHz
f-3dB
-3dB
Bandwidth
HD Channel
RL=150Ω
31.9
35.5
39.3
MHz
dG
Differential Gain
Video input range 1V
-0.1
0.4
0.8
%
dP
Differential Phase
Video input range 1V
-1.1
0.7
1.1
°
THD
Total
Harmonic
Distortion
HD Channel
f=1MHz, VOUT=1.4VPP
0.02
%
D/DT
Group Delay
Variation
HD Channel
f = 100kHz to 60MHz
5.0
ns
XTALK
Channel Crosstalk
f = 1MHz, VOUT=1.4VPP
-68
-74
dB
SNR
Signal-to-Noise
Ration
HD Channel
f= 100kHz to 30MHz
66
71
dB
ROUT_AC
Output Impedance
f = 10MHz
0.5
Ω
Note: (1). 100% tested at TA=25°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com