Electronic Components Datasheet Search
  English  ▼

X  

EG301 Datasheet(PDF) 5 Page - Jingjing Microelectronics Co., Ltd

Part # EG301
Description  Roll code coding chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EGMICRO [Jingjing Microelectronics Co., Ltd]
Direct Link  http://www.egmicro.com/
Logo EGMICRO - Jingjing Microelectronics Co., Ltd

EG301 Datasheet(HTML) 5 Page - Jingjing Microelectronics Co., Ltd

  EG301 Datasheet HTML 1Page - Jingjing Microelectronics Co., Ltd EG301 Datasheet HTML 2Page - Jingjing Microelectronics Co., Ltd EG301 Datasheet HTML 3Page - Jingjing Microelectronics Co., Ltd EG301 Datasheet HTML 4Page - Jingjing Microelectronics Co., Ltd EG301 Datasheet HTML 5Page - Jingjing Microelectronics Co., Ltd EG301 Datasheet HTML 6Page - Jingjing Microelectronics Co., Ltd EG301 Datasheet HTML 7Page - Jingjing Microelectronics Co., Ltd EG301 Datasheet HTML 8Page - Jingjing Microelectronics Co., Ltd EG301 Datasheet HTML 9Page - Jingjing Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
屹晶微电子有限公司
EG301 用户手册
滚动码编码芯片
2013 © 屹晶微电子有限公司 版权所有
www.EGmicro.com
4/9
4. 引脚
4.1 引脚定义
4.2 引脚描述
序号
名称
I/O
描述
1
S0
I
按键输入引脚 0
2
S1
I
按键输入引脚 1
3
S2
I
按键输入引脚 2/编程时钟输入引脚
4
S3
I
按键输入引脚 3/编程时钟输入引脚
5
VSS
GND
接地脚
6
PWM
I/O
编程数据输入/输出引脚,滚动码信号输出引脚
7
/LED
O
芯片工作 LED 指示引脚
8
VDD
Power
电源电压输入引脚,电压范围:3.5V
– 13.0V
S0
S1
S2
S3
VDD
LED
PWM
VSS
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com